Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EG1126 Datasheet(PDF) 7 Page - Jingjing Microelectronics Co., Ltd

Part # EG1126
Description  Integrated Flow Function, Off-LIne Flow Model PWM controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EGMICRO [Jingjing Microelectronics Co., Ltd]
Direct Link  http://www.egmicro.com/
Logo EGMICRO - Jingjing Microelectronics Co., Ltd

EG1126 Datasheet(HTML) 7 Page - Jingjing Microelectronics Co., Ltd

Back Button EG1126 Datasheet HTML 3Page - Jingjing Microelectronics Co., Ltd EG1126 Datasheet HTML 4Page - Jingjing Microelectronics Co., Ltd EG1126 Datasheet HTML 5Page - Jingjing Microelectronics Co., Ltd EG1126 Datasheet HTML 6Page - Jingjing Microelectronics Co., Ltd EG1126 Datasheet HTML 7Page - Jingjing Microelectronics Co., Ltd EG1126 Datasheet HTML 8Page - Jingjing Microelectronics Co., Ltd EG1126 Datasheet HTML 9Page - Jingjing Microelectronics Co., Ltd EG1126 Datasheet HTML 10Page - Jingjing Microelectronics Co., Ltd EG1126 Datasheet HTML 11Page - Jingjing Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
屹晶微电子有限公司
EG1126 芯片数据手册 V1.0
集成恒流功能、离线式电流模式 PWM 控制器
2017 © 屹晶微电子有限公司 版权所有
www.egmicro.com
4/11
5. 结构框图
绿色模式和突发模
式控制
FB_int
电压电流基准
调节器
VDD
5V
过压保护
28.5V
低压关断
14V/9V
POR
65KHZ带抖动
的振荡器
S
R
Q
栅极驱
动
PWM
GATE
二次侧零
电流检测
Tdem
OR
OR
VDD OVP
热关断
OTP
SLP
OLP
VDD
FB_int
5V
+
-
3.7V
43ms延迟
CV_mode
软启动
FB_int
斜坡补偿
LEB
GATE
恒流调节
Tdem
Toff
模式选择
器
CV_mode
CC/CV_mode
短负载保
护
AND
CC/CV_mode
SLP
SEL
GND
图 5-1. EG1126 结构框图



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com