Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB64M16GP-DHT Datasheet(PDF) 1 Page - Nanya Technology Corporation.

Part # NT5CB64M16GP-DHT
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-DHT Datasheet(HTML) 1 Page - Nanya Technology Corporation.

  NT5CB64M16GP-DHT Datasheet HTML 1Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 2Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 3Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 4Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 5Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 6Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 7Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 8Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 9Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 160 page
background image
Version 2.2
1
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
NOTE 1
Default state of PASR is disabed. This is enabled by using an electrical fuse. Please contact with NTC for the demand.
NOTE 2
Please refer to ordering information for the detail.
NOTE 3
1.35V DDR3L are backward compatible to 1.5V DDR3 parts. Please refer to page 5 operating frequency table. 1.35V DDR3L-RS parts are exceptional and
unallowable to be compatible to 1.35V DDR3L and 1.5V DDR3 parts.
NOTE 4
If TC exceeds 85°C, the DRAM must be refreshed externally at 2x refresh, which is a 3.9us interval refresh rate. Extended SRT or ASR must be enabled.
NOTE 5
Violating tRFC specification will induce malfunction.
NOTE 6
Only Support prime DQ
’s feedback for each byte lane. Please contact with NTC for the feedback of all DQs which is enabled by using an electrical fuse.
Commercial, Industrial and Automotive DDR3(L) 1Gb SDRAM
 Basis DDR3 Compliant
- 8n Prefetch Architecture
- Differential Clock(CK/
) and Data Strobe(DQS/)
- Double-data rate on DQs, DQS and DM
 Data Integrity
- Auto Self Refresh (ASR) by DRAM built-in TS
- Auto Refresh and Self Refresh Modes
 Power Saving Mode
- Partial Array Self Refresh (PASR)1
- Power Down Mode
 CAS Latency (6/7/8/9/10/11/13/14)
 CAS Write Latency (5/6/7/8/9/10)
 Additive Latency (0/CL-1/CL-2)
 Write Recovery Time (5/6/7/8/10/12/14/16)
 Burst Type (Sequential/Interleaved)
 Burst Length (BL8/BC4/BC4 or 8 on the fly)
Programmable Functions
 Self RefreshTemperature Range(Normal/Extended)
 Output Driver Impedance (34/40)
 On-Die Termination of Rtt_Nom(20/30/40/60/120)
 On-Die Termination of Rtt_WR(60/120)
 Precharge Power Down (slow/fast)
 Signal Integrity
- Configurable DS for system compatibility
- Configurable On-Die Termination
- ZQ Calibration for DS/ODT impedance accuracy via
external ZQ pad (240 ohm ± 1%)
 Signal Synchronization
- Write Leveling via MR settings 6
- Read Leveling via MPR
 Interface and Power Supply
- SSTL_15 for DDR3:VDD/VDDQ=1.5V(±0.075V)
- SSTL_1353 for DDR3L:VDD/VDDQ=1.35V(-0.067/+0.1V)
Features
Density and Addressing
Organization
128Mb x 8
64Mb x 16
Bank Address
BA0
– BA2
BA0
– BA2
Auto precharge
A10 / AP
A10 / AP
BL switch on the fly
A12 /

A12 /

Row Address
A0
– A13
A0
– A12
Column Address
A0
– A9
A0
– A9
Page Size
1KB
2KB
tREFI(us) 4
Tc<=85℃:7.8, Tc>85℃:3.9
tRFC(ns) 5
110
Packages / Density Information
Lead-free RoHS compliance and Halogen-free
1Gb
Length x Width
Ball pitch
(Org. / Package)
(mm)
(mm)
128Mbx8
78-ball VFBGA
8.00 x 10.50
0.80
64Mbx16
96-ball VFBGA
8.00 x 13.00
0.80
 Speed Grade (CL-TRCD-TRP) 2
- 2133 Mbps / 14-14-14
- 1866 Mbps / 13-13-13
- 1600 Mbps / 11-11-11, 10-10-10
 Temperature Range (Tc) 4
- Commercial Grade = 0℃~95℃
- Quasi Industrial Grade (-T) = -40℃~95℃
- Industrial Grade (-I) = -40℃~95℃
- Automotive Grade 2 (-H) = -40℃~105℃
- Automotive Grade 3 (-A) = -40℃~95℃
Options
NTC has the rights to change any specifications or product without notification.


Similar Part No. - NT5CB64M16GP-DHT

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CB64M16FN-DHA NANYA-NT5CB64M16FN-DHA Datasheet
7Mb / 165P
Commercial, Industrial and Automotive DDR3(L) 1Gb SDRAM
NT5CB64M16FN-DHH NANYA-NT5CB64M16FN-DHH Datasheet
7Mb / 165P
Commercial, Industrial and Automotive DDR3(L) 1Gb SDRAM
NT5CB64M16FN-DHI NANYA-NT5CB64M16FN-DHI Datasheet
7Mb / 165P
Commercial, Industrial and Automotive DDR3(L) 1Gb SDRAM
NT5CB64M16FN-DHNA NANYA-NT5CB64M16FN-DHNA Datasheet
7Mb / 165P
Commercial, Industrial and Automotive DDR3(L) 1Gb SDRAM
NT5CB64M16FN-DIA NANYA-NT5CB64M16FN-DIA Datasheet
7Mb / 165P
Commercial, Industrial and Automotive DDR3(L) 1Gb SDRAM
More results

Similar Description - NT5CB64M16GP-DHT

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CB256M8FN NANYA-NT5CB256M8FN Datasheet
6Mb / 163P
Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
NT5AD1024M4D3 NANYA-NT5AD1024M4D3 Datasheet
11Mb / 293P
Commercial and Industrial DDR4 4Gb SDRAM
NT5AD2048M4A3 NANYA-NT5AD2048M4A3 Datasheet
13Mb / 296P
Commercial and Industrial DDR4 8Gb SDRAM
NT5CB128M8FN NANYA-NT5CB128M8FN Datasheet
7Mb / 165P
Commercial, Industrial and Automotive DDR3(L) 1Gb SDRAM
NT5CB256M8IN NANYA-NT5CB256M8IN Datasheet
4Mb / 162P
Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
NT5CB256M8JQ NANYA-NT5CB256M8JQ Datasheet
4Mb / 157P
Commercial and Industrial DDR3(L) 2Gb SDRAM
NT5CB512M8CN NANYA-NT5CB512M8CN Datasheet
7Mb / 164P
Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8DN NANYA-NT5CB512M8DN Datasheet
4Mb / 163P
Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8EQ NANYA-NT5CB512M8EQ Datasheet
4Mb / 158P
Commercial and Industrial DDR3(L) 4Gb SDRAM
NT5CB512M8EN NANYA-NT5CB512M8EN Datasheet
4Mb / 162P
Commercial and Industrial DDR3( L 4Gb SDRAM
Version 1.3 11/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com