Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB64M16GP-DHT Datasheet(PDF) 48 Page - Nanya Technology Corporation.

Part # NT5CB64M16GP-DHT
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-DHT Datasheet(HTML) 48 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-DHT Datasheet HTML 44Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 45Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 46Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 47Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 48Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 49Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 50Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 51Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 52Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 160 page
background image
Version 2.2
48
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
READ Operation
Read Burst Operation
During a READ or WRITE command DDR3(L) will support BC4 and BL8 on the fly using address A12 during the READ or
WRITE (AUTO PRECHARGE can be enabled or disabled).
A12=0, BC4 (BC4 = burst chop, tCCD=4)
A12=1, BL8
A12 is used only for burst length control, not as a column address.
Read Burst Operation RL=5 (AL=0, CL=5, BL=8)
Notes:
1. BL8, RL = 5, AL = 0, CL = 5.
2. DOUT n = data-out from column n.
3. NOP commands are shown for ease of illustration; other commands may be valid at these times.
4. BL8 setting activated by either MR0[A1:0 = 00] or MR0[A1:0 = 01] and A12 = 1 during READ command at T0.
READ Burst Operation RL = 9 (AL=4, CL=5, BL=8)
Notes:
1. BL8, RL = 9, AL = (CL - 1), CL = 5.
2. DOUT n = data-out from column n.
3. NOP commands are shown for ease of illustration; other commands may be valid at these times.
4. BL8 setting activated by either MR0[A1:0 = 00] or MR0[A1:0 = 01] and A12 = 1 during READ command at T0.
CK
CK
T0
T1
T3
T5
T6
T7
T9
CL=5
DQS, DQS
T2
T4
T8
T10
READ
NOP
CMD
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
Bank
Col n
Address
Dout
n
Dout
n +1
Dout
n +2
Dout
n +3
Dout
n +4
Dout
n +5
Dout
n +6
Dout
n +7
DQ
RL = AL + CL
tRPRE
tRPST
CK
CK
T0
T1
T3
T5
T6
T7
T9
CL=5
DQS, DQS
T2
T4
T8
T10
READ
NOP
CMD
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
Bank
Col n
Address
Dout
n
Dout
n +1
Dout
n +2
Dout
n +3
DQ
RL = AL + CL
tRPRE
AL = 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com