Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB64M16GP-DHT Datasheet(PDF) 41 Page - Nanya Technology Corporation.

Part # NT5CB64M16GP-DHT
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-DHT Datasheet(HTML) 41 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-DHT Datasheet HTML 37Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 38Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 39Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 40Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 41Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 42Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 43Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 44Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 45Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 160 page
background image
Version 2.2
41
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Write Leveling
For better signal integrity, DDR3(L) memory adopted fly by topology for the commands, addresses, control signals, and
clocks. The fly by topology has benefits from reducing number of stubs and their length but in other aspect, causes flight
time skew between clock and strobe at every DRAM on DIMM. It makes it difficult for the Controller to maintain tDQSS,
tDSS, and tDSH specification. Therefore, the controller should support
“write leveling” in DDR3(L) SDRAM to compensate
the skew.
The memory controller can use the “write leveling” feature and feedback from the DDR3(L) SDRAM to adjust the DQS -
 to CK -  relationship. The memory controller involved in the leveling must have adjustable delay setting on DQS -
 to align the rising edge of DQS -  with that of the clock at the DRAM pin. DRAM asynchronously feeds back CK -
, sampled with the rising edge of DQS - , through the DQ bus. The controller repeatedly delays DQS - until a
transition from 0 to 1 is detected. The DQS -
 delay established though this exercise would ensure tDQSS specification.
Besides tDQSS, tDSS, and tDSH specification also needs to be fulfilled. One way to achieve this is to combine the actual
tDQSS in the application with an appropriate duty cycle and jitter on the DQS-
signals. Depending on the actual
tDQSS in the application, the actual values for tDQSL and tDQSH may have to be better than the absolute limits provided in
“AC Timing Parameters” section in order to satisfy tDSS and tDSH specification. A conceptual timing of this scheme is
show as below figure.
Write Leveling Concept
0 or 1
0
0
Diff_CK
Diff _ DQS
Source
Diff _CK
Diff_DQS
Destination
DQ
DQ
Push DQS to capture
0 -1
transition
0 or 1
1
1
1
0
DQS/
 driven by the controller during leveling mode must be determined by the DRAM based on ranks populated.
Similarly, the DQ bus driven by the DRAM must also be terminated at the controller.
A separated feedback mechanism should be able for each byte lane. The low byte lane
’s prime DQ, DQ0, carries the
leveling feedback to the controller across the DRAM configurations x4/x8 whereas DQ0 indicates the lower diff_DQS
(diff_LDQS) to clock relationship. The high byte lane
’s prime DQ, DQ8, provides the feedback of the upper diff_DQS
(diff_UDQS) to clock relationship. Please contact with NTC for the feedback of all DQs which is enabled by using an
electrical fuse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com