Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB64M16GP-DHT Datasheet(PDF) 42 Page - Nanya Technology Corporation.

Part # NT5CB64M16GP-DHT
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-DHT Datasheet(HTML) 42 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-DHT Datasheet HTML 38Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 39Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 40Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 41Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 42Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 43Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 44Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 45Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 46Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 160 page
background image
Version 2.2
42
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
DRAM setting for write leveling and DRAM termination unction in that mode
DRAM enters into Write level
ing mode if A7 in MR1 set “High” and after finishing leveling, DRAM exits from write leveling
mode if A7 in MR1 set “Low”. Note that in write leveling mode, only DQS/ terminations are activated and deactivated
via ODT pin not like normal operation.
MR setting involved in the leveling procedure
Function
MR1
Enable
Disable
Write leveling enable
A7
1
0
Output buffer mode (Qoff)
A12
0
1
DRAM termination function in the leveling mode
ODT pin at DRAM
DQS/
 termination
DQs termination
De-asserted
off
off
Asserted
on
off
Note: In write leveling mode with its output buffer disabled (MR1[bit7]=1 with MR1[bit12]=1) all RTT_Nom settings are allowed; in Write
Leveling Mode with its output buffer enabled (MR1[bit7]=1 with MR1[bit12]=0) only RTT_Nom settings of RZQ/2, RZQ/4, and RZQ/6 are
allowed.
Procedure Description
Memory controller initiates Leveling mode of all DRAMs by setting bit 7 of MR1 to 1. With entering write leveling mode, the
DQ pins are in undefined driving mode. During write leveling mode, only NOP or Deselect commands are allowed. As well
as an MRS command to exit write leveling mode. Since the controller levels one rank at a time, the output of other rank
must be disabled by setting MR1 bit A12 to 1. Controller may assert ODT after tMOD, time at which DRAM is ready to
accept the ODT signal.
Controller may drive DQS low and
 high after a delay of tWLDQSEN, at which time DRAM has applied on-die
termination on these signals. After tDQSL and tWLMRD controller provides a single DQS,
edge which is used by the
DRAM to sample CK
–
 driven from controller. tWLMRD (max) timing is controller dependent.
DRAM samples CK -

status with rising edge of DQS and provides feedback on all the DQ bits asynchronously after
tWLO timing. There is a DQ output uncertainty of tWLOE defined to allow mismatch on DQ bits; there are no read strobes
(DQS/DQS) needed for these DQs. Controller samples incoming DQ and decides to increment or decrement DQS
–

delay setting and launches the next DQS/
 pulse after some time, which is controller dependent. Once a 0 to 1
transition is detected, the controller locks DQS
–
 delay setting and write leveling is achieved for the device. The
following figure describes the timing diagram and parameters for the overall Write leveling procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com