Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL11B Datasheet(PDF) 13 Page - Generalplus Technology Inc.

Part # GPL11B
Description  8K-BYTE OTP MICRO-CONTROLLER WITH LCD DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL11B Datasheet(HTML) 13 Page - Generalplus Technology Inc.

Back Button GPL11B Datasheet HTML 9Page - Generalplus Technology Inc. GPL11B Datasheet HTML 10Page - Generalplus Technology Inc. GPL11B Datasheet HTML 11Page - Generalplus Technology Inc. GPL11B Datasheet HTML 12Page - Generalplus Technology Inc. GPL11B Datasheet HTML 13Page - Generalplus Technology Inc. GPL11B Datasheet HTML 14Page - Generalplus Technology Inc. GPL11B Datasheet HTML 15Page - Generalplus Technology Inc. GPL11B Datasheet HTML 16Page - Generalplus Technology Inc. GPL11B Datasheet HTML 17Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
GPL11B
© Generalplus Technology Inc.
Proprietary & Confidential
13
MAR. 21, 2012
Version: 1.4
6.4.
The Relationships between the Fosc32K and the
ROSC32K
6.4.1. VDD = 3V
3.0V OTP Fosc vs. Rosc
18
19
20
21
23
24
25
27
29
31
37
41
34
32.768
15
20
25
30
35
40
45
400
500
600
700
800
900
1000
1100
1200
Rosc (Kohms)
F32K
(Hz)
6.4.2. VDD = 4.5V
4.5V OTP Fosc vs. Rosc
19
19
20
22
23
24
26
27
29
32
34
37
41
32.768
15
20
25
30
35
40
45
400
500
600
700
800
900
1000
1100
1200
Rosc (Kohms)
F32K
(Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com