Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL11B Datasheet(PDF) 10 Page - Generalplus Technology Inc.

Part # GPL11B
Description  8K-BYTE OTP MICRO-CONTROLLER WITH LCD DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL11B Datasheet(HTML) 10 Page - Generalplus Technology Inc.

Back Button GPL11B Datasheet HTML 6Page - Generalplus Technology Inc. GPL11B Datasheet HTML 7Page - Generalplus Technology Inc. GPL11B Datasheet HTML 8Page - Generalplus Technology Inc. GPL11B Datasheet HTML 9Page - Generalplus Technology Inc. GPL11B Datasheet HTML 10Page - Generalplus Technology Inc. GPL11B Datasheet HTML 11Page - Generalplus Technology Inc. GPL11B Datasheet HTML 12Page - Generalplus Technology Inc. GPL11B Datasheet HTML 13Page - Generalplus Technology Inc. GPL11B Datasheet HTML 14Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
GPL11B
© Generalplus Technology Inc.
Proprietary & Confidential
10
MAR. 21, 2012
Version: 1.4
5.3.3. Halt mode
In halt mode, CPU clock halts and PLL/ROSC clock sources stops,
waits for an event (key change, timer overflow…) to wake up.
The 32768Hz relevant functions, such as timer/counter and LCD
driver, may remain active in halt mode.
5.3.4. Standby mode
The standby mode is a mode that the device is placed in its lowest
current consumption state.
In standby mode, all functions are
turned off.
In addition, RAM and I/Os will remain in their previous
states.
5.4.
LCD Controller/Driver
The GPL11B contains a 360-dot LCD controller/driver that can be
configured to specified patterns via programming the LCD Control
register.
Once the configuration is completed, desired patterns
can be displayed by filling data into LCD RAM.
The LCD driver
supports 1/3 ~ 1/12 duty and 1/2 ~ 1/4 bias, and its LCD frame rate
can be adjusted by programming the Port_LCDCK_CTL($11)
register in small step between 40 Hz ~ 100 Hz.
The LCD
controller/driver can still be operating during sleep mode by
keeping the 32768Hz oscillator alive.
5.5.
Watchdog Timer (WDT)
FPL11B also features an on-chip watchdog timer (WDT) that is
designed to recover the system from abnormal operation.
If WDT
is not cleared within one second, the WDT generates a signal to
reset CPU and the WDT is recommended to be cleared every 0.5
seconds via software programming to avoid accidental reset.
Note that the WDT only works when 32768Hz clock is activated.
5.6.
Wakeup/Interrupt Control
There are eight wakeup sources: 37.9K/N, 32768/N, TMO, EXT1,
EXT2, T2Hz, KEYC, and NMI.
Interrupt sources can be used as (1) wake-up source only. (2) both
wakeup source and interrupt CPU.
5.7.
RFC Function
The RFC (Resistor to Frequency Converter) circuit contains a RC
oscillation circuit and a 16-bit timer/counter to calculate the
resistance of temperature or humidity sensor relative to reference
resistor.
The circuit is shown below.
RREF
RTH
RTEMP
IOA3
PAD
IOA4
PAD
IOA5
PAD
IOA1
PAD
SMT
16 bit Timer/Counter
8-Bit data bus
8
RFCEN
IOA3 floating control
IOA4 floating control
IOA5 floating control
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com