Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL11B Datasheet(PDF) 14 Page - Generalplus Technology Inc.

Part # GPL11B
Description  8K-BYTE OTP MICRO-CONTROLLER WITH LCD DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL11B Datasheet(HTML) 14 Page - Generalplus Technology Inc.

Back Button GPL11B Datasheet HTML 10Page - Generalplus Technology Inc. GPL11B Datasheet HTML 11Page - Generalplus Technology Inc. GPL11B Datasheet HTML 12Page - Generalplus Technology Inc. GPL11B Datasheet HTML 13Page - Generalplus Technology Inc. GPL11B Datasheet HTML 14Page - Generalplus Technology Inc. GPL11B Datasheet HTML 15Page - Generalplus Technology Inc. GPL11B Datasheet HTML 16Page - Generalplus Technology Inc. GPL11B Datasheet HTML 17Page - Generalplus Technology Inc. GPL11B Datasheet HTML 18Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
GPL11B
© Generalplus Technology Inc.
Proprietary & Confidential
14
MAR. 21, 2012
Version: 1.4
7. APPLICATION CIRCUITS
7.1.
360 Dots (12 x 30) LCD Driver, 1/4 Bias, PLL / 32768Hz Crystal
Note*: C1/C2 values in above application circuit are for design guidance only.
Different capacitor values may be required for different crystal used.
Usually,
the values of C1/C2 are in the range 12~20pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com