Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL11B Datasheet(PDF) 21 Page - Generalplus Technology Inc.

Part # GPL11B
Description  8K-BYTE OTP MICRO-CONTROLLER WITH LCD DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL11B Datasheet(HTML) 21 Page - Generalplus Technology Inc.

Back Button GPL11B Datasheet HTML 13Page - Generalplus Technology Inc. GPL11B Datasheet HTML 14Page - Generalplus Technology Inc. GPL11B Datasheet HTML 15Page - Generalplus Technology Inc. GPL11B Datasheet HTML 16Page - Generalplus Technology Inc. GPL11B Datasheet HTML 17Page - Generalplus Technology Inc. GPL11B Datasheet HTML 18Page - Generalplus Technology Inc. GPL11B Datasheet HTML 19Page - Generalplus Technology Inc. GPL11B Datasheet HTML 20Page - Generalplus Technology Inc. GPL11B Datasheet HTML 21Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
GPL11B
© Generalplus Technology Inc.
Proprietary & Confidential
21
MAR. 21, 2012
Version: 1.4
10. REVISION HISTORY
Date
Revision #
Description
Page
Mar. 21, 2012
1.4
Modify ordering information from GPL11B-QQ05X to GPL11B-HQ05X in section 8.1
17
Sep. 15, 2011
1.3
1. Modify IC substrate connect describe to ‘This IC substrate should be connected to VSS or
floated’.
2. Modify the relationship between ROSC & FOSC.
8
12,13
Jul. 09, 2008
1.2
1. Modify IOB[7:5], IOB[2:0] type to ‘I/O’.
2. “IOA3” in RFC function diagram change to “IOA1”.
5
9
May. 28, 2007
1.1
Modify the diagrams in section 8.1 and 8.3.
15, 16
Mar. 29, 2007
1.0
1. Modify the Working Voltage form 3.6V to 5.5V.
2. Add the OTP programming interface descriptions in section 2 and 3.
3, 11
3, 5
Feb. 06, 2007
0.2
1. Pin VDDT deleted.
2. INBx changed to IOBx.
3. Modify the “Option Pin” in section 5.9.
4. Modify the application circuit in section 7.2.
5. Modify the “Ordering Information” in section 8.2.
6. EPROM changed to OTP.
10
13
15
Sep. 23, 2005
0.1
Original
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com