Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL16258VB Datasheet(PDF) 13 Page - Generalplus Technology Inc.

Part # GPL16258VB
Description  Advanced Virtual 3D Game / ELA SoC with u nSP 2.0
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL16258VB Datasheet(HTML) 13 Page - Generalplus Technology Inc.

Back Button GPL16258VB Datasheet HTML 9Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 10Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 11Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 12Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 13Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 14Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 15Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 16Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 17Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
GPL16258VB
© Generalplus Technology Inc.
Proprietary & Confidential
13
Nov. 24, 2016
Version: 1.0
5.12. Watchdog
The purpose of watchdog is to monitor if the system operates
normally.
Within a specific period, watchdog must be cleared.
If
not, CPU assumes that the program has been running in an
abnormal condition.
As a result, the CPU will reset the system to
the initial state and start running the program all over again.
In
GPL16258VB, the clear period is software programmable.
If
watchdog is cleared before expiration, the system will not be reset.
5.13. Serial Interface
5.13.1. Serial Peripheral Interface (SPI)
The SPI interface is a master interface that enables synchronous
serial communication with slave/master peripherals.
Two 8-byte
FIFOs are used for transmitting and receiving data.
Four types of
timing are supported and shown in the following diagram.
MSB
LSB
SCLK
SFRM
SSPTXD
SSPOE
8 bits
MSB
LSB
SSPRXD
Q
SPO = 0, SPH = 0
MSB
LSB
SCLK
SFRM
SSPTXD
SSPOE
8 bits
MSB
LSB
SSPRXD
Q
Q
SPO = 0, SPH = 1
MSB
LSB
SCLK
SFRM
SSPTXD
SSPOE
8 bits
MSB
LSB
SSPRXD
Q
SPO = 1, SPH = 0
MSB
SCLK
SFRM
SSPTXD
SSPOE
8 bits
MSB
LSB
SSPRXD
Q
Q
LSB
SPO = 1, SPH = 1
5.13.2. USB Device Function
GPL16258VB provides USB device function which is compatible
with USB 1.1 and USB 2.0 full speed standard.
An USB
transceiver is built-in for devices function.
A FIFO with size of
128x8 is used for bulk-in and bulk-out transfer and an 8-byte FIFO
is used for pipe transferring control.
Interrupt IN/OUT pipes are
also supported.
The DMA transferring is enabled for bulk-in/out
to maximize the transfer performance.
5.14. IDE Tools Function
The functions of IDE include the follows:
1). C compiler, Assembly and Linker
2). Single step trace
3). Break point (break point for debugging)
4). Run (execute)
5.15. SD/MMC Controller
GPL16258VB provides SD/MMC controllers which is compatible
with MMC system specification version 2.3 and SD Memory Card
specification 1.1.
The controller supports automatically CRC
generation and check, 1-bit and 4-bit transfer, interrupt generation
when buffer empty/full, DMA transfer for page read/write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com