Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL16258VB Datasheet(PDF) 7 Page - Generalplus Technology Inc.

Part # GPL16258VB
Description  Advanced Virtual 3D Game / ELA SoC with u nSP 2.0
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL16258VB Datasheet(HTML) 7 Page - Generalplus Technology Inc.

Back Button GPL16258VB Datasheet HTML 3Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 4Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 5Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 6Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 7Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 8Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 9Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 10Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 11Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
GPL16258VB
© Generalplus Technology Inc.
Proprietary & Confidential
7
Nov. 24, 2016
Version: 1.0
No
Package No
Name
Group
Type
Normal Function Description
GPIO Group
65
66
X32KI
PLL
I
32768 Hz crystal input pin
Right Side
No
Package No
Name
Group
Type
Normal Function Description
GPIO Group
66
67
PLLVSS
PLL
PWR
PLL ground
67
68
X6MI
PLL
A/I
6MHz crystal input pin or 12M PLL filter pin
68
69
X6MO
PLL
O
6MHz crystal output pin
69
70
PLLV18
PLL
P
1.8V power for PLL
70
71
DVSS
Digital GND
PWR
Digital ground
71
72
DACOL
DAC
A/O
Left channel audio output
72
73
DAVREF
DAC
A/O
DAC reference voltage pin
73
74
AVSS
DAC
PWR
DAC ground
74
75
DACOR
DAC
A/O
Right channel audio output
75
76
AVDD
DAC
PWR
3.3V DAC power
76
77
VAVSS
VDAC
PWR
VDAC ground
77
78
VDVREF
VDAC
A/I
Video DAC reference voltage
IOE2
78
79
VRSET
VDAC
A/I
Video DAC current source adjustment
IOE1
79
80
VCBU
VDAC
A/I
Video DAC reference voltage
80
81
VCBL
VDAC
A/I
Video DAC reference voltage
81
82
VAOUT
VDAC
A/O
Video DAC output
IOE0
82
83
VAVDD
VDAC
PWR
3.3V VDAC power
83
84
DVCC33
Regulator
PWR
3.3V Regulator power
84
85
DVSS
Regulator
PWR
Regulator ground
85
86
DVCC18
Regulator
A/O
Regulator 1.8V output
86
87
DVCC18
Digital PWR
PWR
1.8V digital power
87
88
DVSS
Digital GND
PWR
Digital ground
88
89
IOB7
SPI
I/O
SPIRX: SPI data input
IOB7
89
90
IOB6
SPI
I/O
SPITXD: SPI data output
IOB6
90
91
IOB5
SPI
I/O
SPICLK: SPI clock
IOB5
91
92
IOB3
LCD
I/O
TFT DCLK
IOB3
92
93
DVCC33
Digital PWR
PWR
3.3V digital power
93
94
AVCC33
USB
PWR
3.3V USB power
94
95
DP
USB
I/O
DP pin of USB PHY
95
96
DN
USB
I/O
DN pin of USB PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com