Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL16258VB Datasheet(PDF) 21 Page - Generalplus Technology Inc.

Part # GPL16258VB
Description  Advanced Virtual 3D Game / ELA SoC with u nSP 2.0
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL16258VB Datasheet(HTML) 21 Page - Generalplus Technology Inc.

Back Button GPL16258VB Datasheet HTML 15Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 16Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 17Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 18Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 19Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 20Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 21Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 22Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 23Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
GPL16258VB
© Generalplus Technology Inc.
Proprietary & Confidential
21
Nov. 24, 2016
Version: 1.0
Symbol
Millimeter
Min.
Nom.
Max.
A1
0.05
--
0.15
A2
1.35
1.40
1.45
b
0.13
0.16
0.23
C
0.09
--
0.20
D
16.00 BSC
D1
14.00 BSC
E
16.00 BSC
E1
14.00 BSC
e
0.40 BSC
L
0.45
0.60
0.75
L1
1.00 REF
θ
0°
3.5°
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com