Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL16258VB Datasheet(PDF) 6 Page - Generalplus Technology Inc.

Part # GPL16258VB
Description  Advanced Virtual 3D Game / ELA SoC with u nSP 2.0
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL16258VB Datasheet(HTML) 6 Page - Generalplus Technology Inc.

Back Button GPL16258VB Datasheet HTML 2Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 3Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 4Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 5Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 6Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 7Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 8Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 9Page - Generalplus Technology Inc. GPL16258VB Datasheet HTML 10Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
GPL16258VB
© Generalplus Technology Inc.
Proprietary & Confidential
6
Nov. 24, 2016
Version: 1.0
Bottom Side
No
Package No
Name
Group
Type
Normal Function Description
GPIO Group
30
31
RESETB
SYSTEM
I/O
Reset input pin. (Low active)
31
32
IOB2
MODE
I/O
BM2: Boot mode selection pin 2.
(0: use 6MHz crystal, usually for TV application,
1: use internal PLL, usually for other application w/o TV)
IOB2
32
33
IOB1
MODE
I/O
BM1: Boot mode selection pin 1.
1: Internal ROM Boot (SPI boot, NAND boot)
0: Chip Select 0 Memory Boot
IOB1
33
34
IOB0
MODE
I/O
BM0: Boot mode selection pin 0.
(This pin must be pull low with a resistor)
IOB0
34
35
ICEDA
ICE
I/O
Embedded ICE data pin. Default is floating.
In development phase, connect it with a capacitor to
GND.
In production phase, connect it with a resistor to GND.
35
36
ICECK
ICE
O
Embedded ICE clock pin. Default is floating.
In development phase, connect it with a capacitor to
GND.
In production phase, connect it with a resistor to GND.
36
37
IOA7
LCD
I/O
TFT-
LCD’s D7
IOA7
37
38
IOA6
LCD
I/O
TFT-
LCD’s D6
IOA6
38
39
IOA5
LCD
I/O
TFT-
LCD’s D5
IOA5
39
40
IOA4
LCD
I/O
TFT-
LCD’s D4
IOA4
40
41
IOA3
LCD
I/O
TFT-
LCD’s D3
IOA3
41
42
IOA2
LCD
I/O
TFT-
LCD’s D2
IOA2
42
43
IOA1
LCD
I/O
TFT-
LCD’s D1
IOA1
43
44
IOA0
LCD
I/O
TFT-
LCD’s D0
IOA0
44
45
IOA8
LCD
I/O
TFT-
LCD’s D8
IOA8
45
46
DVCC33
Digital PWR
PWR
3.3V digital power
46
47
DVSS
Digital GND
PWR
Digital ground
47
48
DVCC18
Digital PWR
PWR
1.8V digital power
48
49
IOA9
LCD
I/O
TFT-
LCD’s D9
IOA9
49
50
IOA10
LCD
I/O
TFT-
LCD’s D10
IOA10
50
51
IOA11
LCD
I/O
TFT-
LCD’s D11
IOA11
51
52
IOA12
LCD
I/O
TFT-
LCD’s D12
IOA12
52
53
IOA13
LCD
I/O
TFT-
LCD’s D13
IOA13
53
54
IOA14
LCD
I/O
TFT-
LCD’s D14
IOA14
54
55
IOA15
LCD
I/O
TFT-
LCD’s D15
IOA15
55
56
IOC8
SD2
I/O
SD2 data0
IOC8
56
57
IOC7
SD2
I/O
SD2 clock
IOC7
57
58
IOC6
SD2
I/O
SD2 command
IOC6
58
59
IOC10
SD2
I/O
SD2 data2
IOC10
59
60
IOC9
SD2
I/O
SD2 data1
IOC9
60
61
IOC5
SD2
I/O
SD2 data3
IOC5
61
62
IOC11
Key change A
I/O
Key change A input
IOC11
62
63
IOC12
Key change B
I/O
Key change B input
IOC12
63
64
PLLV33
PLL
PWR
3.3V PLL power
64
65
X32KO
PLL
O
32768 Hz crystal output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com