Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26F32MJ/883 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26F32MJ/883
Description  QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26F32MJ/883 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS26F32MJ/883 Datasheet HTML 1Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 2Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 3Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 4Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 5Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 6Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 7Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 8Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MNDS26F32M-X-RH REV 0C0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS: (SEE Note 5)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vcc = 5V
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Iin
Input Current
Vcc=4.5V, Vin=15V (Pin under test),
other inputs -15V <= Vin <= +15V
2.3
mA
1, 2,
3
Vcc=5.5V, Vin=-15V (Pin under test),
other inputs -15V <= Vin <= +15V
-2.8
mA
1, 2,
3
Iil
Logical "0"
Enable Current
Vcc = 5.5V, Ven = .4V
-360
uA
1, 2,
3
Iih
Logical "1"
Enable Current
Vcc = 5.5V, Vin = 2.7V
10
uA
1, 2,
3
Ii
Logical "1"
Enable Current
Vcc = 5.5V, Vin = 5.5V
50
uA
1, 2,
3
Vik
Input Clamp
Voltage (Enable)
Vcc = 4.5V, Iin = -18mA
-1.5
V
1, 2,
3
Voh
Logical "1"
Output Voltage
Vcc = 4.5V, Ioh = -440uA,
Delta Vin = 1V, Ven
= .8 = Ven
2.5
V
1, 2,
3
Vol
Logical "0"
Output Voltage
Vcc = 4.5V, Ven
= .8V = Ven,
Iol = 4mA, Delta Vin = -1V
.4
V
1, 2,
3
Vcc = 4.5V, Ven
= .8V = Ven,
Iol = 8mA, Delta Vin = -1V
.45
V
1, 2,
3
Icc
Supply Current
Vcc = 5.5V, All Vin = Gnd, Ven = 0V,
Ven = 2V
50
mA
1, 2,
3
Ioz
Off-State Output
Current
Vcc = 5.5V, Vo = .4V, Ven = .8V,
Ven = 2V
-20
uA
1, 2,
3
Vcc = 5.5V, Vo = 2.4V, Ven = .8V,
Ven = 2V
20
uA
1, 2,
3
Rin
Input Resistance
-15 <= Vcm <= 15V
14
KOhm
1, 2,
3
Vth
Differential
Input Voltage
Vcc = 4.5V, -7V <= Vcm <= 7V,
Ven = Ven = 2.5V, Vo = 0.45/2.5V
2
-.2
.2
V
1, 2,
3
Vcc = 5.5V, -7V <= Vcm <= 7V,
Ven = Ven = 2.5V, Vo = 0.45/2.5V
2
-.2
.2
V
1, 2,
3
Vil
Logical "0" Input
Voltage (Enable)
Vcc = 5.5V
2
.8
V
1, 2,
3
Vih
Logical "1" Input
Voltage (Enable)
Vcc = 4.5V
2
2
V
1, 2,
3
Isc (min)
Output Short
Circuit Current
Vcc = 4.5V, Vo = 0V, Delta Vin = 1V
-15
mA
1, 2,
3
Isc (max)
Output Short
Circuit Current
Vcc = 5.5V, Vo = 0V, Delta Vin = 1V
-85
mA
1, 2,
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com