Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26F32MJ/883 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26F32MJ/883
Description  QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26F32MJ/883 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS26F32MJ/883 Datasheet HTML 1Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 2Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 3Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 4Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 5Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 6Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 7Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 8Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Original Creation Date: 05/20/99
Last Update Date: 05/04/01
Last Major Revision Date:
MNDS26F32M-X-RH REV 0C0
MICROCIRCUIT DATA SHEET
QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE
GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883,
METHOD 1019.5, CONDITION A
General Description
The DS26F32 is a quad differential line receiver designed to meet the requirements of EIA
Standards RS-422 and RS-423, and Federal Standards 1020 and 1030 for balanced and
unbalanced digital data transmission.
The DS26F32 offers improved performance due to the use of state-of-the-art L-FAST bipolar
technology. The L-FAST technology allows for higher speeds and lower currents by utilizing
extremely short gate delay times.
The device features an input sensitivity of 200mV over the input common mode range of
+7.0V. The DS26F32 provides an enable function common to all four receivers and TRI-STATE
outputs with 8.0 mA sink capability. Also, a fail-safe input/output relationship keeps the
outputs high when the inputs are open.
The DS26F32 offers optimum performance when used with the DS26F31 Quad Differential Line
Driver.
NS Part Numbers
DS26F32ME/883
DS26F32MER-QML
DS26F32MJ-QMLV
DS26F32MJ/883
DS26F32MJR-QML
DS26F32MJRQMLV
DS26F32MW-QMLV
DS26F32MW/883
DS26F32MWG/883
DS26F32MWGRQMLV
DS26F32MWR-QML
DS26F32MWRQMLV
Industry Part Number
DS26F32
Prime Die
M632
Controlling Document
SEE FEATURES SECTION
Processing
MIL-STD-883, Method 5004
Quality Conformance Inspection
MIL-STD-883, Method 5005
Subgrp Description
Temp ( C)
o
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
1


Similar Part No. - DS26F32MJ/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26F32MJ/883 NSC-DS26F32MJ/883 Datasheet
207Kb / 6P
Quad Differential Line Receivers
DS26F32MJ/883 NSC-DS26F32MJ/883 Datasheet
665Kb / 11P
DS26F32MQML
More results

Similar Description - DS26F32MJ/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM136AH NSC-LM136AH Datasheet
110Kb / 8P
2.5V REFERENCE DIODE, GUARANTEED TO 100K RADSi TESTED TO MIL-STD-883, METHOD 1019.5
MNLM136A NSC-MNLM136A Datasheet
110Kb / 8P
2.5V REFERENCE DIODE, GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5
MNLMH6628-X-RH NSC-MNLMH6628-X-RH Datasheet
176Kb / 12P
DUAL WIDEBAND, LOW-NOISE, VOLTAGE FEEDBACK OP AMP, GUARANTEED TO 300k rd (si) TESTED TO MIL-STD-883, METHOD 1019
logo
MMD Components
MVIP MMD-MVIP Datasheet
82Kb / 1P
MIL-STD-883 Level B Screening Available
logo
M.S. Kennedy Corporatio...
MSK198RHL MSK-MSK198RHL_15 Datasheet
952Kb / 7P
Total Dose Tested to 100 Krads(Si) (Method 1019.7 Condition A)
logo
MMD Components
MVIL2 MMD-MVIL2 Datasheet
141Kb / 2P
MIL-STD-883 Level B Screening Available
MVIP5 MMD-MVIP5 Datasheet
141Kb / 2P
MIL-STD-883 Level B Screening Available
MVIV2 MMD-MVIV2 Datasheet
141Kb / 2P
MIL-STD-883 Level B Screening Available
MVLL5 MMD-MVLL5 Datasheet
106Kb / 2P
MIL-STD-883 Level B Screening Available
MVLV2 MMD-MVLV2 Datasheet
106Kb / 2P
MIL-STD-883 Level B Screening Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com