Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26F32MJ/883 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26F32MJ/883
Description  QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26F32MJ/883 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS26F32MJ/883 Datasheet HTML 1Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 2Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 3Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 4Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 5Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 6Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 7Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 8Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MNDS26F32M-X-RH REV 0C0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
AC PARAMETERS: PROPAGATION DELAY TIME: (SEE NOTE 5)
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
Vcc = 5V
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
tPLH
Cl = 50pF
4, 5
23
nS
9
4, 5
31
nS
10, 11
Cl = 15pF
3, 5
22
nS
9
3, 5
30
nS
10, 11
tPHL
Cl = 50pF
4, 5
23
nS
9
4, 5
31
nS
10, 11
Cl = 15pF
3, 5
22
nS
9
3, 5
30
nS
10, 11
tPZH
Enable Time
Cl = 50pF
4, 5
18
nS
9
4, 5
29
nS
10, 11
Cl = 15pF
3, 5
16
nS
9
3, 5
27
nS
10, 11
tPZL
Enable
Time
Cl = 50pF
4, 5
20
nS
9
4, 5
29
nS
10, 11
Cl = 15pF
3, 5
18
nS
9
3, 5
27
nS
10, 11
tPHZ
Disable Time
Cl = 50pF
4, 5
55
nS
9
4, 5
62
nS
10, 11
Cl = 5pF
3, 5
20
nS
9
3, 5
27
nS
10, 11
tPLZ
Disable Time
Cl = 50pF
4, 5
30
nS
9
4, 5
42
nS
10, 11
Cl = 5pF
3, 5
18
nS
9
3, 5
30
nS
10, 11
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com