Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26F32MJ/883 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26F32MJ/883
Description  QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26F32MJ/883 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS26F32MJ/883 Datasheet HTML 2Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 3Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 4Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 5Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 6Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 7Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 8Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 9Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MNDS26F32M-X-RH REV 0C0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS - DRIFT VALUES
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
NOTE::This section applies to -QMLV devices only and shall be read & recorded at TA = +25C before and
after each burn-in and shall not change by more than the limits indicated.
The delta rejects shall be
included in the PDA calculation.
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Voh
Logical "1"
Output Voltage
Vcc = 4.5V, Ioh = -440uA,
Delta Vin = 1V, Ven
= 0.8V
= Ven
-250
250
mV
1
Vol
Logical "0"
Output Voltage
Vcc = 4.5V, Iol = 4mA,
Delta Vin = -1V, Ven
=
0.8V = Ven
-45
45
mV
1
Vcc = 4.5V, Iol = 8mA,
Delta Vin = -1V, Ven = 0.8V = Ven
-45
45
mV
1
Iin
Input Current
Vcc = 4.5V, Vin=15V (Pin under test),
other inputs -15V <= Vin <= +15V
-0.28
0.28
mA
1
Vcc = 5.5V, Vin=-15V (Pin under test),
other inputs -15V <= Vin <= +15V
-0.28
0.28
mA
1
Note 1:
Power dissipation must be externally controlled at elevated temperatures.
Note 2:
Parameter tested go-no-go only.
Note 3:
Tested at 50pF guarantees limit at 15 & 5pF.
Note 4:
Tested at 50pF, system capacitance exceeds 5 to 15pF.
Note 5:
Pre and post irradiation limits are identical to those listed under AC and DC
electrical characteristics. These parts may be dose rate sensitive in a space
environment and demonstrate enhanced low dose rate effect. Radiaton end point limits
for the noted parameters are guaranteed only for the conditions as specified in
MIL-STD-883, Method 1019.5, Condition A.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com