Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA374902FC-V1-R0 Datasheet(PDF) 1 Page - Cree, Inc

Part # GTRA374902FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 450 W, 48 V, 3600 ??3700 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

GTRA374902FC-V1-R0 Datasheet(HTML) 1 Page - Cree, Inc

  GTRA374902FC-V1-R0 Datasheet HTML 1Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 2Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 3Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 4Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 5Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 6Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 7Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
GTRA374902FC
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 02.1, 2019-04-26
Thermally-Enhanced High Power RF GaN on SiC HEMT
450 W, 48 V, 3600 – 3700 MHz
GTRA374902FC
Package H-37248C-4
Description
The GTRA374902FC is a 450-watt (P3dB) GaN on SiC high electron mobil-
ity transistor (HEMT) for use in multi-standard cellular power amplifier
applications. It features input matching, high efficiency, and a thermally-
enhanced package with earless flange.
Features
• GaN on SiC HEMT technology
• Input matched
• Asymmetrical Doherty design
- Main: P3dB = 220 W Typ
- Peak: P3dB = 300 W Typ
• Typical Pulsed CW performance, 3700 MHz, 48 V,
Doherty @ P3dB, 10 µs, 10% duty cycle
- Output power = 450 W
- Drain efficiency = 60%
- Gain = 11.5 dB
• Capable of handling 10:1 VSWR @ 48 V, 63 W (WCDMA)
output power
• Human Body Model Class 1A, (per ANSI/ESDA/JEDEC
JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty production test fixture)
VDD = 48 V, IDQ = 250 mA, POUT = 63 W avg, VGSPEAK = –5.8 V, ƒ = 3700 MHz, channel bandwidth = 3.84 MHz, peak/average = 10 dB @
0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
10.8
12
—
dB
Drain Efficiency
hD
32
37.5
—
%
Adjacent Channel Power Ratio
ACPR
—
–32.5
–28.5
dBc
Output PAR @ 0.01% CCDF
OPAR
7.5
8.2
—
dB
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
35
37.5
40
42.5
45
47.5
50
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 250 mA,
VGS(PEAK) = -5.8 V, ƒ = 3700 MHz,
3GPP WCDMA signal, PAR = 10 dB,
3.84 MHz BW
Gain
Efficiency
PAR @ 0.01% CCDF
gtra374902fc_g1


Similar Part No. - GTRA374902FC-V1-R0

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
GTRA374902FC-V1-R0 WOLFSPEED-GTRA374902FC-V1-R0 Datasheet
459Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 450 W, 48 V, 3600 – 3700 MHz
Rev. 02.2, 2022-1-27
More results

Similar Description - GTRA374902FC-V1-R0

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA362002FC CREE-GTRA362002FC Datasheet
233Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 3400 ??3600 MHz
GTRA362802FC CREE-GTRA362802FC Datasheet
282Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 280 W, 48 V, 3400 ??3600 MHz
GTRA364002FC CREE-GTRA364002FC Datasheet
279Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3400 ??3600 MHz
GTRA384802FC CREE-GTRA384802FC Datasheet
1Mb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3600 ??3800 MHz
logo
WOLFSPEED, INC.
GTRA362002FC-V1 WOLFSPEED-GTRA362002FC-V1 Datasheet
435Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 3400 – 3600 MHz
Rev. 06, 2023-06-23
GTRA362802FC-V1 WOLFSPEED-GTRA362802FC-V1 Datasheet
553Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 280 W, 48 V, 3400 – 3600 MHz
Rev. 04.3, 2022-1-27
GTRA384802FC-V1 WOLFSPEED-GTRA384802FC-V1 Datasheet
585Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3600 – 3800 MHz
Rev. 03.1, 2022-1-27
GTRA364002FC WOLFSPEED-GTRA364002FC Datasheet
511Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3400 – 3600 MHz
Rev. 04.3, 2022-1-27
GTRA374902FC WOLFSPEED-GTRA374902FC Datasheet
459Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 450 W, 48 V, 3600 – 3700 MHz
Rev. 02.2, 2022-1-27
GTRA412852FC WOLFSPEED-GTRA412852FC Datasheet
967Kb / 14P
Thermally-Enhanced High Power RF GaN on SiC HEMT 235 W, 48 V, 3700 – 4100 MHz
Rev. 03.1, 2022-1-27
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com