Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA374902FC-V1-R0 Datasheet(PDF) 5 Page - Cree, Inc

Part # GTRA374902FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 450 W, 48 V, 3600 ??3700 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

GTRA374902FC-V1-R0 Datasheet(HTML) 5 Page - Cree, Inc

  GTRA374902FC-V1-R0 Datasheet HTML 1Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 2Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 3Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 4Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 5Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 6Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 7Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 02.1, 2019-04-26
5
GTRA374902FC
Reference Circuit, 3600 – 3700 MHz
Reference circuit assembly diagram (not to scale)
Reference Circuit Assembly
DUT
GTRA374902FC-V1
Test Fixture Part No.
LTA/GTRA374902FC-V1
PCB
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper, εr = 3.66, ƒ = 3600 – 3700 MHz
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF
C113
C107
R101
C108
C109
C110
C104
C106
R103
R102
C112
C114
C105
C101
C102
C103
C206
C208
C202
C201
C207
C210
C209
C205
C204
C203
GTRA374902FC_IN_01
RF_IN
RO4350, 20 MIL
RF_OUT
VDD
VGS(PEAK)
G t r a37 4902 f c- 1_ CD _01 - 31 - 20 19
GTRA374902FC
_OUT_01A
C111
C115
U1
RO4350,
20 MIL
VDD
C211
VGS(MAIN)
C113
C107
R101
C108
C109
C110
C104
C106
R103
R102
C112
C114
C105
C101
C102
C103
C206
C208
C202
C201
C207
C210
C209
C205
C204
C203
GTRA374902FC_IN_01
RF_IN
RO4350, 20 MIL
RF_OUT
VDD
VGS(PEAK)
G t r a37 4902 f c- 1_ CD _01 - 31 - 20 19
GTRA374902FC
_OUT_01A
C111
C115
U1
RO4350,
20 MIL
VDD
C211
VGS(MAIN)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com