Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA374902FC-V1-R0 Datasheet(PDF) 4 Page - Cree, Inc

Part # GTRA374902FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 450 W, 48 V, 3600 ??3700 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

GTRA374902FC-V1-R0 Datasheet(HTML) 4 Page - Cree, Inc

  GTRA374902FC-V1-R0 Datasheet HTML 1Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 2Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 3Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 4Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 5Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 6Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 7Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 02.1, 2019-04-26
4
GTRA374902FC
Typical Performance (cont.)
Load Pull Performance
Main Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, IDQ = 250 mA, class AB
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W
]
ZL
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
ZL
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
3600
7-j5.7
3.5-j6.7
16.4
54.20
263
61.0
2-j4.4
17.9
52.20
166
71.0
3700
6.2-j9.3
3.7-j6.6
16.2
54.20
263
60.0
1.8-j5.2
17.4
52.30
170
70.0
Peak Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, VGSPK = –5 V, class C
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W
]
ZL
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
ZL
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
3600
15-j11.3
3.2-j8.4
11.8
55.60
363
58.6
2.9-j7.1
12.4
55.10
324
66.7
3700
10.8-j8.8
3.2-j8.7
11.3
55.40
347
55.0
2.4-j7
12.2
54.80
302
68.4
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
6
7
8
9
10
11
12
13
14
15
16
3350
3450
3550
3650
3750
3850
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ(MAIN) = 250 mA,
VGSPEAK = -5.8 V
IRL
Gain
gtra374902fc_g7
0
10
20
30
40
50
60
70
9
10
11
12
13
14
15
16
32
36
40
44
48
52
56
60
Output Power (dBm)
Pulse CW Performance at various VDD
IDQ(MAIN) = 250 mA, VGS(PEAK) = -5.8 V
ƒ = 3700 MHz
46V Gain
48V Gain
50V Gain
52V Gain
46V Eff
48V Eff
50V Eff
52V Eff
gtra374902fc_g6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com