Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA374902FC-V1-R0 Datasheet(PDF) 6 Page - Cree, Inc

Part # GTRA374902FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 450 W, 48 V, 3600 ??3700 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

GTRA374902FC-V1-R0 Datasheet(HTML) 6 Page - Cree, Inc

  GTRA374902FC-V1-R0 Datasheet HTML 1Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 2Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 3Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 4Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 5Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 6Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 7Page - Cree, Inc GTRA374902FC-V1-R0 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 02.1, 2019-04-26
6
GTRA374902FC
Reference Circuit (cont.)
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C102
Capacitor, 0.5 pF
ATC
ATC800A0R5CT250XT
C103
Capacitor, 0.9 pF
ATC
ATC800A0R9CT250XT
C104
Capacitor, 1.2 pF
ATC
ATC800A1R2CT250XT
C105, C106, C107, C108,
C112
Capacitor, 10 pF
ATC
ATC800A100JT250XT
C109, C113
Capacitor, 1 µF, 100 V
TDK Corporation
C4532X7R2A105M230KA
C110, C114
Capacitor, 10 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C111, C115
Capacitor, 100 µF, 35 V
Panasonic Electronic Components
EEE-FT1V101AP
R101, R102
Resistor, 5.6 ohms
Panasonic Electronic Components
ERJ-8RQJ5R6V
R103
Resistor, 50 ohms
Richardson
C8A50Z4A
U1
Hybrid Coupler
Anaren
XC3500P-03S
Output
C201, C202, C203, C207
Capacitor, 10 pF
ATC
ATC800A100JT250XT
C204, C208
Capacitor, 1 µF, 100 V
TDK Corporation
C4532X7R2A105M230KA
C205, C206, C209, C210
Capacitor, 10 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C211
Capacitor, 220 µF, 100 V
Panasonic Electronic Components
ECA-2AHG221
Lead connections for GTRA374902FC
Pinout Diagram (top view)
H-37248-4_pd_10-10-2012
S
D1
D2
G1
G2
Pin
Description
D1
Drain Device 1 (Main)
D2
Drain Device 2 (Peak)
G1
Gate Device 1 (Main)
G2
Gate Device 2 (Peak)
S
Source (flange)
Main
Peak



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com