Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTVA212701FA-V2-R2 Datasheet(PDF) 1 Page - Cree, Inc

Part # GTVA212701FA-V2-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2110 ??2200 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

GTVA212701FA-V2-R2 Datasheet(HTML) 1 Page - Cree, Inc

  GTVA212701FA-V2-R2 Datasheet HTML 1Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 2Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 3Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 4Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 5Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 6Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 7Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 04.1, 2019-01-28
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
GTVA212701FA
Package H-87265J-2
Thermally-Enhanced High Power RF GaN on SiC HEMT
270 W, 48 V, 2110 – 2200 MHz
Features
• GaN on SiC HEMT technology
• Input matched
• Typical pulsed CW performance (class AB), 2180 MHz,
48 V, 10 µs pulse width, 10% duty cycle
- Output power P3dB = 300 W
-Drainefficiency=68.5%
- Gain = 17.5 dB
• Human Body Model Class 1B (per ANSI/ESDA/JEDEC
JS-001)
• Capable of handling 10:1 VSWR @ 48 V, 56.2 W (WCD-
MA) output power
• Low thermal resistance
• Pb-free and RoHS-compliant
Description
The GTVA212701FA is a 270-watt GaN on SiC high electron mobility transis-
tor (HEMT) for use in the 2110 to 2200 MHz frequecy band. It features input
matching, high efficiency, and a thermally-enhanced earless package.
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed test fixture)
VDD = 48 V, IDQ = 320 mA, 56.2 W average output power, ƒ = 2180 MHz. 3GPP WCDMA signal: 3.84 MHz channel bandwidth, 10 dB PAR at
0.01% CCDF.
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
18
19
—
dB
DrainEfficiency
hD
35
38
—
%
Adjacent Channel Power Ratio
ACPR
—
–29
–26
dBc
Output PAR at 0.01% probablity on CCDF
OPAR
6.4
7.0
—
dB
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ = 320 mA, ƒ = 2170 MHz
3GPP WCDMA signal,
10 dB PAR, 3.84 MHz bandwidth
Gain
Efficiency
PAR @ 0.01% CCDF
g212701fa-gr1
GTVA212701FA


Similar Part No. - GTVA212701FA-V2-R2

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
GTVA212701FA-V2-R2 WOLFSPEED-GTVA212701FA-V2-R2 Datasheet
566Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2110 – 2200 MHz
Rev. 04.2, 2022-1-27
More results

Similar Description - GTVA212701FA-V2-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTVA263202FC CREE-GTVA263202FC Datasheet
458Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 ??2690 MHz
GTVA261802FC CREE-GTVA261802FC Datasheet
495Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 ??2690 MHz
GTVA262701FA CREE-GTVA262701FA Datasheet
489Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2620 ??2690 MHz
logo
WOLFSPEED, INC.
GTRA214602FC-V1 WOLFSPEED-GTRA214602FC-V1 Datasheet
522Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 490 W, 48 V, 2110 – 2170 MHz
Rev. 02.1, 2022-1-27
GTRA360502M-V1 WOLFSPEED-GTRA360502M-V1 Datasheet
844Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 3400 – 3800 MHz
Rev. 04, 2023-06-27
GTVA262701FA_V2 WOLFSPEED-GTVA262701FA_V2 Datasheet
506Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2620 – 2690 MHz
Rev. 04.3, 2022-1-27
GTRA262802FC WOLFSPEED-GTRA262802FC Datasheet
515Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 – 2690 MHz
Rev. 03.3, 2022-1-27
GTVA212701FA WOLFSPEED-GTVA212701FA Datasheet
566Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2110 – 2200 MHz
Rev. 04.2, 2022-1-27
GTVA261802FC WOLFSPEED-GTVA261802FC Datasheet
536Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 – 2690 MHz
Rev. 02.1, 2022-1-27
GTVA262701FA WOLFSPEED-GTVA262701FA Datasheet
506Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2620 – 2690 MHz
Rev. 04.3, 2022-1-27
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com