Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTVA212701FA-V2-R2 Datasheet(PDF) 5 Page - Cree, Inc

Part # GTVA212701FA-V2-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2110 ??2200 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

GTVA212701FA-V2-R2 Datasheet(HTML) 5 Page - Cree, Inc

  GTVA212701FA-V2-R2 Datasheet HTML 1Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 2Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 3Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 4Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 5Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 6Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 7Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 04.1, 2019-01-28
5
GTVA212701FA
Reference Circuit tuned for 2110 to 2200 MHz
DUT
GTVA212701FA V2
Reference Circuit Part No.
LTN/GTVA212701FA-V2
PCB
Rogers 4350, 0.508 mm [.020"] thick, 2 oz. copper, εr = 3.66
Find Gerber files for this reference circuit on the Wolfspeed Web site at
http://www.wolfspeed.com/RF
RF_IN
RF_OUT
g t v a 2 1 2 7 0 1 f a _ C D _ 0 3 - 2 3 - 1 7 - b n
GTVA212701FA_OUT_03
GTVA212701FA_IN_03
RO4350, 20 MIL (291)
RO4350, 20 MIL (291)
C109
C104
C102
C108
R103
C107
C103
R101
C106
C105
C110
R102
C101
C206
C204
C201
C205
C207
C208
C209
C202
C203
VDD
VGG
Reference circuit assembly diagram (not to scale)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com