Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTVA212701FA-V2-R2 Datasheet(PDF) 4 Page - Cree, Inc

Part # GTVA212701FA-V2-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2110 ??2200 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

GTVA212701FA-V2-R2 Datasheet(HTML) 4 Page - Cree, Inc

  GTVA212701FA-V2-R2 Datasheet HTML 1Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 2Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 3Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 4Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 5Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 6Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 7Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 04.1, 2019-01-28
4
GTVA212701FA
0
10
20
30
40
50
60
70
15
16
17
18
19
20
21
22
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance at various VDD
IDQ = 320 mA, ƒ = 2170 MHz
44 V Gain
48 V Gain
52 V Gain
44 V Eff
48 V Eff
52 V Eff
g212701fa-gr6
-35
-30
-25
-20
-15
-10
-5
10
12
14
16
18
20
22
1950
2050
2150
2250
2350
Frequency (MHz)
CW Small Signal Performance
VDD = 48 V, IDQ = 320 mA
Gain
Input Return Loss
g212701fa-gr7
Typical Performance (cont.)
Load Pull
Pulsed CW signal: 10 µsec, 10% duty cycle; VDD = 48 V, IDQ = 300 mA
P3dB
Class AB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[
W]
Zl
[
W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
Zl
[
W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
2110
6.38 – j6.61
3.01 – j3.1
17.28
55.72
373.2
67.5
3.01 – j1.41
18.57
54.74
297.6
73.9
2170
4.78 – j4.24
3.01 – j3.1
17.37
55.71
372.3
68.8
3.13 – j1.84
18.55
54.78
300.7
73.2
2200
4.09 – j4.3
3.01 – j3.1
16.97
55.80
380.2
65.6
3.08 – j1.97
18.6
54.88
307.6
74.7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com