Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTVA212701FA-V2-R2 Datasheet(PDF) 6 Page - Cree, Inc

Part # GTVA212701FA-V2-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2110 ??2200 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

GTVA212701FA-V2-R2 Datasheet(HTML) 6 Page - Cree, Inc

  GTVA212701FA-V2-R2 Datasheet HTML 1Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 2Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 3Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 4Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 5Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 6Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 7Page - Cree, Inc GTVA212701FA-V2-R2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 04.1, 2019-01-28
6
GTVA212701FA
Pin
Description
D
Drain
G
Gate
S
Source (flange)
S
G
D
H-37265J-2_03_pd_20 16-12-01-bn
Pinout Diagram (top view)
Reference Circuit (cont.)
Components Information
Component
Description
Manufacturer
P/N
Input
C101
Capacitor, 2 pF
ATC
ATC800A2R0BT250XT
C102, C104, C105,
C106
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C103
Capacitor, 0.2 pF
ATC
ATC800A0R2BT250XT
C107
Capacitor, 15 pF
ATC
ATC800A150GT250XT
C108
Capacitor, 12 pF
ATC
ATC800A120JT250XT
C109, C110
Capacitor, 24 pF
ATC
ATC800A240JT250XT
R101, R102
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-8GEYJ100V
R103
Resistor, 10 ohms
Yageo
RC0805JR-0710RL
Output
C201, C204
Capacitor, 24 pF
ATC
ATC800A240JT250XT
C202, C203
Capacitor, 220 µF
Panasonic Electronic Components
ECA-2AHG221
C205, C207, C208,
C209
Capacitor, 10 µF
TDK Corporation
C5750X7S2A106M230KB
C206
Capacitor, 0.6 pF
ATC
ATC800A0R6BT250XT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com