Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3281 Datasheet(PDF) 39 Page - Semtech Corporation

Part # GS3281
Description  3G-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3281 Datasheet(HTML) 39 Page - Semtech Corporation

Back Button GS3281 Datasheet HTML 35Page - Semtech Corporation GS3281 Datasheet HTML 36Page - Semtech Corporation GS3281 Datasheet HTML 37Page - Semtech Corporation GS3281 Datasheet HTML 38Page - Semtech Corporation GS3281 Datasheet HTML 39Page - Semtech Corporation GS3281 Datasheet HTML 40Page - Semtech Corporation GS3281 Datasheet HTML 41Page - Semtech Corporation GS3281 Datasheet HTML 42Page - Semtech Corporation GS3281 Datasheet HTML 43Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
GS3281
Final Data Sheet
Rev.7
PDS-061453
January 2019
39 of 97
Semtech
Proprietary & Confidential
www.semtech.com
4.7.3 Output Driver Data Rate Selection
By default, the GS3281 uses the output driver and slew rate group settings for the data
rate to which the CDR is locked.
When the CDR is unlocked it will use the Bypass rate group:
CFG_OUTPUT<n>_CD_BYPASS_DRIVER_SWING
CFG_OUTPUT<n>_CD_BYPASS_PREEMPH_WIDTH
CFG_OUTPUT<n>_CD_BYPASS_PREEMPH_AMPL
CFG_OUTPUT<n>_CD_BYPASS_PREEMPH_PWRDWN
If required, manual selection of the output driver and slew rate group is possible using
the following steps:
1. Set CTRL_OUTPUT<n>_AUTO_SLEW = 0
2. Set CTRL_OUTPUT<n>_MANUAL_SLEW to the desired rate group. The slew rate
options are as follows:
0 = SD/MADI
1 = HD/3G
4.7.4 Amplitude and Pre-Emphasis Control
The two output drivers offer very granular amplitude and pre-emphasis control. For
optimal loss compensation, both the pre-emphasis pulse amplitude and the
pre-emphasis pulse width can be independently configured on both output drivers.
This extra flexibility provides a mechanism to better shape the pre-emphasis gain to
match the frequency loss response of interconnect composed of trace, connector and
via losses. The swing and pre-emphasis can be independently configured for specific
data rates.
Note: The parameters referred to within this section are linked to their respective
registers in Table 4-8. For a complete list of registers and functions, please see Section 5.
The output swing can be configured for the following three rate groups:
CFG_OUTPUT<n>_CD_SD_DRIVER_SWING (MADI and SD)
CFG_OUTPUT<n>_CD_HD_DRIVER_SWING (HD and 3G)
CFG_OUTPUT<n>_CD_BYPASS_DRIVER_SWING (Bypass)
The output pre-emphasis can be configured for the following two rate groups:
CFG_OUTPUT<n>_CD_HD_PREEMPH_WIDTH (HD and 3G)
CFG_OUTPUT<n>_CD_HD_PREEMPH_AMPL (HD and 3G)
CFG_OUTPUT<n>_CD_BYPASS_PREEMPH_WIDTH (Bypass)
CFG_OUTPUT<n>_CD_BYPASS_PREEMPH_AMPL (Bypass)
The output driver swing and pre-emphasis will use the rate specific swing configuration
when the CDR is locked to that rate. The default swing setting is ~800mVpp single
ended into an external 75Ω load, and is adjustable in each of the output swing
parameters listed above. Applications where maximum output swing and pre-emphasis
range are desired, it is recommended that the output supplies VCCO_0 and VCCO_1 be
connected to a 3.3V supply. For most applications with short trace between GS3281 and
output BNC, 2.5V power supply can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com