Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3281 Datasheet(PDF) 21 Page - Semtech Corporation

Part # GS3281
Description  3G-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3281 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button GS3281 Datasheet HTML 17Page - Semtech Corporation GS3281 Datasheet HTML 18Page - Semtech Corporation GS3281 Datasheet HTML 19Page - Semtech Corporation GS3281 Datasheet HTML 20Page - Semtech Corporation GS3281 Datasheet HTML 21Page - Semtech Corporation GS3281 Datasheet HTML 22Page - Semtech Corporation GS3281 Datasheet HTML 23Page - Semtech Corporation GS3281 Datasheet HTML 24Page - Semtech Corporation GS3281 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
GS3281
Final Data Sheet
Rev.7
PDS-061453
January 2019
21 of 97
Semtech
Proprietary & Confidential
www.semtech.com
Table 4-3: CDR Control and Status Parameters
Register Addressh
and Name
Parameter Name
Description
06,
RATE_ DETECT_ MODE
CFG_AUTO_RATE_DETECT_ENA
Enables or disables the automatic rate detection mode
of the CDR.
CFG_MANUAL_RATE
Select a single rate for CDR rate detection when
CFG_AUTO_RATE_DETECT_ENA is 0b.
CFG_RATE_ENA_3G
3G auto rate detection enable
CFG_RATE_ENA_HD
HD auto rate detection enable
CFG_RATE_ENA_SD
SD auto rate detection enable
CFG_RATE_ENA_MADI
MADI auto rate detection enable
08,
REF_CLK_ MODE
CFG_REF_CLK_MODE_MANUAL
Enables or disables external reference clock mode.
0B,
PLL_LOOP_
BANDWIDTH_ 1
CFG_PLL_LBW_3G
Configures the Loop Bandwidth for 3G signals.
CFG_PLL_LBW_HD
Configures the Loop Bandwidth for HD signals.
0C,
PLL_LOOP_
BANDWIDTH_ 2
CFG_PLL_LBW_SD
Configures the Loop Bandwidth for SD signals.
CFG_PLL_LBW_MADI
Configures the Loop Bandwidth for MADI signals.
11,
GPIO1_CFG
CFG_GPIO1_FUNCTION
Sets the function of GPIO1.
CFG_GPIO1_OUTPUT_ ENA
Sets the GPIO pin as either an output or an input.
85,
STICKY_ COUNTS_1
STAT_CNT_PLL_LOCK_CHANGES
Counter showing the number of times the PLL lock
status changed.
STAT_CNT_RATE_CHANGES
Counter showing the number of times the PLL lock rate
changed.
86,
CURRENT_ STATUS_0
STAT_LOCK
The status of the PLL. Locked, or unlocked.
87,
CURRENT_ STATUS_1
STAT_DETECTED_RATE
The rate at which the PLL is locked to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com