Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3281 Datasheet(PDF) 86 Page - Semtech Corporation

Part # GS3281
Description  3G-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3281 Datasheet(HTML) 86 Page - Semtech Corporation

Back Button GS3281 Datasheet HTML 82Page - Semtech Corporation GS3281 Datasheet HTML 83Page - Semtech Corporation GS3281 Datasheet HTML 84Page - Semtech Corporation GS3281 Datasheet HTML 85Page - Semtech Corporation GS3281 Datasheet HTML 86Page - Semtech Corporation GS3281 Datasheet HTML 87Page - Semtech Corporation GS3281 Datasheet HTML 88Page - Semtech Corporation GS3281 Datasheet HTML 89Page - Semtech Corporation GS3281 Datasheet HTML 90Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 97 page
background image
GS3281
Final Data Sheet
Rev.7
PDS-061453
January 2019
86 of 97
Semtech
Proprietary & Confidential
www.semtech.com
5D
EYE_MON_
SCAN_CTRL_3
RSVD
15:9
R/W
0
Reserved - do not modify.
CTRL_EYE_SHAPE_
SCAN_B
8R/W
0
Selects whether the eye monitor should
perform an eye scan or eye shape
capture:
0 = Selects eye scan (new or continued).
1 = Selects eye shape capture.
RSVD
7:2
R/W
0
Reserved - do not modify.
CTRL_EYE_MON_
POWER_CTRL
1R/W
0
Power control for the eye monitor:
0 = Power down the eye monitor
1 = Power up the eye monitor
Host is permitted to change this any
time between eye scans (but not
between partial eye scans).
This must be set to 1 to run an eye scan.
Behaviour is undefined if host sets
CTRL_EYE_MON_START = 1 without
setting this bit to 1.
CTRL_EYE_MON_START
0
R/W
0
Part of a four way handshake with
STAT_EYE_MON_STATUS:
0 = Set by host to tell the device to clear
the status bit.
1 = Set by host only in order to
begin/continue an eye scan or start an
eye shape capture.
See Section 4.5 for more details on
implementing the four way hand shake
for this operation.
5E to 5F
RSVD
RSVD
15:0
—
—
Reserved.
Factory Settings
60 to 7E
RSVD
RSVD
15:0
—
—
Reserved.
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com