Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3281 Datasheet(PDF) 61 Page - Semtech Corporation

Part # GS3281
Description  3G-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3281 Datasheet(HTML) 61 Page - Semtech Corporation

Back Button GS3281 Datasheet HTML 57Page - Semtech Corporation GS3281 Datasheet HTML 58Page - Semtech Corporation GS3281 Datasheet HTML 59Page - Semtech Corporation GS3281 Datasheet HTML 60Page - Semtech Corporation GS3281 Datasheet HTML 61Page - Semtech Corporation GS3281 Datasheet HTML 62Page - Semtech Corporation GS3281 Datasheet HTML 63Page - Semtech Corporation GS3281 Datasheet HTML 64Page - Semtech Corporation GS3281 Datasheet HTML 65Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 97 page
background image
GS3281
Final Data Sheet
Rev.7
PDS-061453
January 2019
61 of 97
Semtech
Proprietary & Confidential
www.semtech.com
7F
CONTROL_
RESET
RESET_CONTROL
15:0
R/W
DD00
Device Reset, Reverts all internal logic
and register values to defaults.
Write Values:
AA00h = Asserts device reset
DD00h = De-assert device reset
AD00h = Assert/de-assert device reset in
a single write
Read Values:
AA00h = User-initiated reset is asserted
DD00h = User-initiated reset is
de-asserted
See Section 4.9.13 for further
information
3
CONTROL_
SLEEP
RSVD
15:2
R/W
0
Reserved - do not modify.
CTRL_MANUAL_SLEEP
1
R/W
0
Sleep manual mode control:
0 = Never Sleep
1 = Always Sleep
Controls sleep mode when auto sleep
(CTRL_AUTO_SLEEP) is disabled.
CTRL_AUTO_SLEEP
0
R/W
1
Sleep auto mode control:
0 = Disable auto sleep mode
1 = Enable auto sleep mode
If CTRL_AUTO_SLEEP = 0 (manual sleep
mode), then CTRL_MANUAL_SLEEP
controls sleep.
If CTRL_AUTO_SLEEP = 1 (auto sleep
mode), sleep is automatically entered
on loss of signal.
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com