Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP450 Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRFP450
Description  N-CHANNEL PowerMESH MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRFP450 Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRFP450 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IRFP450
N-CHANNEL 500V-0.33Ω - 14A – TO-247
PowerMESHTM MOSFET
www.artschip.com
3
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING ON
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Time
Rise Time
VDD=250V
ID=7A
RG=4.7 Ω
VGS=10V
(see test circuit, figure 1)
24
14
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD=400V ID=14A VGS=10V
75
13.5
27
nC
nC
nC
SWITCHING OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
tf
tc
Off-voltage Rise Time
Fall Time
Cross-over Time
VDD=400V ID=14A
RG=4.7 Ω
VGS=10V
(see test circuit, figure 3)
15
25
35
ns
ns
ns
SOURCE DRAIN DIODE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM()
Source-drain Current
Source-drain Current
(pulsed)
14
56
A
A
VSD(*)
Forward On Voltage
ISD=14A VGS=0
1.4
V
trr
Qrr
IRRM
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD=14A di/dt=100A/µs
VDD=100V
Tj=150℃
(see test circuit, figure 3)
680
9
26
ns
µC
A
(*) Pulsed: Pulse duration = 300µs, duty cycle 1.5%
(
) Pulse width limited by safe operating area
Safe Operating Area
Thermal Impedance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com