Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP450 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRFP450
Description  N-CHANNEL PowerMESH MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRFP450 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRFP450 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRFP450
N-CHANNEL 500V-0.33Ω - 14A – TO-247
PowerMESHTM MOSFET
www.artschip.com
2
THERMAL DATA
Rthj-case
Rthj-amb
Rthc-sink
TI
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead Temperature For Soldering Purpose
0.66
30
0.1
300
/W
/W
/W
AVALANCHE CHARACTERISTICS
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by TJ max)
14
A
EAS
Single Pulse Avalanche Energy
(starting TJ=25℃, ID=IAR, VDD=50V)
800
mJ
ELECTRICAL CHARACTERISTICS (Tcase =25℃ unless otherwise specified)
OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID=250µA
VGS=0
500
V
IDD
Zero Gate Voltage
Drain Current (VGS=0)
VDS=Max Rating
VDS=Max Rating Tc=125℃
1
50
µA
µA
IGSS
Gate-body Leakage
Current (VDS=0)
VGS=±20V
±100
nA
ON(*)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold
Voltage
VDS=VGS
ID=250µA
2
3
4
V
RDS(on)
Static Drain-source On
Resistance
VGS=10
ID=8.4A
0.33
0.4
ID(on)
On State Drain Current
VDS>ID(on) x RDS(on)max
VGS=10V
14
A
DYNAMIC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs(*)
Forward
Transconductance
VDS>ID(on) x RDS(on)max
ID=8.4A
9.3
13
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS=25V f=1MHz
VGS=0
2600
330
40
pF
pF
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com