Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP450 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRFP450
Description  N-CHANNEL PowerMESH MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRFP450 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRFP450 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IRFP450
N-CHANNEL 500V-0.33Ω - 14A – TO-247
PowerMESHTM MOSFET
www.artschip.com
1
TYPE
VDSS
RDS(on)
ID
IRFP450
500V
<0.4 Ω
14A
Typical RDS(on) =0.33 Ω
EXTREMELY HIGH dv/dt CAPABILITY
100% AVALANCHE TESTED
VERY LOW INTRINSIC CAPACITANCES
GATE CHARGE MINIMIZED
DESCRIPTION
This power MOSFET is designed using the company’s consolidated strip layout-based MESH OVERLAY
TM process. This
technology matches and improves the performances compared with standard parts from various sources.
APPLICATIONS
HIGH CURRENT SWITCHING
UNINTERRUPTIBLE POWER SUPPLY (UPS)
DC/DC COVERTERS FOR TELECOM, INDUSTRIAL, AND LIGHTING EQUIPMENT.
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS=0)
500
V
VDGR
Drain-gate Voltage (RGS=20kΩ)
500
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current (continuous) at Tc=25℃
14
A
ID
Drain Current (continuous) at Tc=100℃
8.7
A
IDM(
)
Drain Current (pulsed)
56
A
Ptot
Total Dissipation at Tc=25℃
190
W
Derating Factor
1.5
W/℃
dv/dt(1)
Peak Diode Recovery Voltage slope
3.5
V/ns
Tstg
Storage Temperature
-65 to 150
TJ
Max. Operating Junction Temperature
150
(
)Pulse width limited safe operating area
(1) ISD≤14A, di/dt ≤130A/µs, VDD≤V(BR)DSS, Tj≤TJMAX


Similar Part No. - IRFP450

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
Aug-1998
logo
Samsung semiconductor
IRFP450 SAMSUNG-IRFP450 Datasheet
212Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Intersil Corporation
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
July 1999
logo
International Rectifier
IRFP450 IRF-IRFP450 Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
logo
IXYS Corporation
IRFP450 IXYS-IRFP450 Datasheet
46Kb / 2P
Standard Power MOSFET - N-Channel Enhancement Mode
More results

Similar Description - IRFP450

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB19NB20 STMICROELECTRONICS-STB19NB20 Datasheet
85Kb / 8P
N - CHANNEL ENHANCEMENT MODE PowerMESH] MOSFET
Jun-1998
STB7NB40 STMICROELECTRONICS-STB7NB40 Datasheet
61Kb / 6P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Oct-1997
STD2NB60 STMICROELECTRONICS-STD2NB60 Datasheet
291Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
STP10NB20 STMICROELECTRONICS-STP10NB20 Datasheet
122Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Nov-1997
STP12NB30 STMICROELECTRONICS-STP12NB30 Datasheet
56Kb / 6P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Jan-1998
STP7NB40 STMICROELECTRONICS-STP7NB40 Datasheet
73Kb / 4P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Jan-1998
STP7NB60 STMICROELECTRONICS-STP7NB60 Datasheet
115Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
STU13NB60 STMICROELECTRONICS-STU13NB60 Datasheet
61Kb / 6P
N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Oct-1997
STU36NB20 STMICROELECTRONICS-STU36NB20 Datasheet
57Kb / 6P
N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Jan-1998
logo
ARTSCHIP ELECTRONICS CO...
IRF830 ARTSCHIP-IRF830 Datasheet
625Kb / 7P
N-Channel PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com