Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP450 Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRFP450
Description  N-CHANNEL PowerMESH MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRFP450 Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRFP450 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP450 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IRFP450
N-CHANNEL 500V-0.33Ω - 14A – TO-247
PowerMESHTM MOSFET
www.artschip.com
4
Output Characteristics
Transconductance
Gate Charge vs Gate-Source Voltage
Transfer Characteristics
Static Drain-source On Resistance
Capacitance Variations



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com