Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW3643CSR Datasheet(PDF) 17 Page - Shanghai awinic technology co.,ltd

Part # AW3643CSR
Description  High Efficiency, Dual 1.5A Flash LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3643CSR Datasheet(HTML) 17 Page - Shanghai awinic technology co.,ltd

Back Button AW3643CSR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 16Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 17Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 18Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 19Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 20Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 21Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
AW3643
Jan 2018 V1.4
www.awinic.com.cn
17
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
FUNCTIONAL BLOCK DIAGRAM
Control Logic
/Regsiter
UVLO
OSC
2/4Mhz
IVFM
NTC
monitor
I
2C
Interface
Thermal Shutdown
Protection
FB
Select
OUT
LED1
LED2
SW
IN
GND
Boost Controller
OVP
VOVP
Current
Limit
TORCH/TEMP
SDA
SCL
INTC=50uA
LED & OUT
Short Detect
AW3643
TX
HWEN
STROBE
FEATURE DESCRIPTION
HWEN & I2C INTERFACE
AW3643 has a logic input HWEN pin to enable/disable the device. When HWEN is set low, the device goes
into shutdown mode, the I2C interface is disabled and all I2C registers are reset to default. In shutdown mode
the device does not respond to any I2C command. When HWEN is set high, the device goes into standby
mode, the I2C interface is enabled, and the device can respond to I2C command.
There are two kinds of power-up sequences, shown in Figure 45 and Figure 46.
If HWEN is tied to IN pin in application, once IN goes above around VPOR (2.0V), HWEN should stay high for at
least twait=2ms time before any I2C command can be accepted.
If HWEN is driven by a GPIO, once HWEN goes from low to high, HWEN should stay high for at least
twait=2ms time before any I2C command can be accepted.
HWEN=IN
I
2C command
twait≥2ms
Fig 45
Power-Up Sequence with HWEN Tied to IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com