Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW3643CSR Datasheet(PDF) 32 Page - Shanghai awinic technology co.,ltd

Part # AW3643CSR
Description  High Efficiency, Dual 1.5A Flash LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3643CSR Datasheet(HTML) 32 Page - Shanghai awinic technology co.,ltd

Back Button AW3643CSR Datasheet HTML 28Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 29Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 30Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 31Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 32Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 33Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 34Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 35Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 36Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
AW3643
Jan 2018 V1.4
www.awinic.com.cn
32
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
INDUCTOR SELECTION
The AW3643 is designed to use a 0.47µH or 1µH inductor. When the device is boosting (VOUT > VIN) the
inductor is typically the largest area of efficiency loss in the circuit. Therefore, choosing an inductor with the
lowest possible series resistance is important. Additionally, the saturation rating of the inductor should be
greater than the maximum operating peak current of the AW3643. This prevents excess efficiency loss that
can occur with inductors that operate in saturation. For proper inductor operation and circuit performance,
ensure that the inductor saturation and the peak current limit setting of the AW3643 are greater than IPEAK in
the following calculation:
L
IN
OUT
LED
PEAK
I
V
V
I
I
where
OUT
SW
IN
OUT
IN
L
V
L
f
V
V
V
I
2
And
SW
f
=2 or 4MHz.
Table 2 lists various inductors and their manufacturers that work well with the AW3643.
Table 2
Recommended Inductors
MANUFACTURER
L
PART NO.
SIZE
ISAT
RDC
TOKO
1μH
DFE201610P-1R0M
2.0 mm x 1.6 mm x 1.0 mm
3.7A
58mΩ
TOKO
0.47μH
DFE201610P-R470M
2.0 mm x 1.6 mm x 1.0 mm
4.1A
32mΩ
Sunlord
1
μH
WPN252012H1R0MT
2.5mm × 2.0mm ×1.2mm
3.4A
48
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com