Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW3643CSR Datasheet(PDF) 3 Page - Shanghai awinic technology co.,ltd

Part # AW3643CSR
Description  High Efficiency, Dual 1.5A Flash LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3643CSR Datasheet(HTML) 3 Page - Shanghai awinic technology co.,ltd

  AW3643CSR Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
AW3643
Jan 2018 V1.4
www.awinic.com.cn
3
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
ORDERING INFORMATION
Part
Number
Temperature
Package
Marking
Moisture
Sensitivity
Level
Environmental
Information
Delivery Form
AW3643
CSR
-40°C~85°C
1.626mm×1.332mm
CSP-12
3643
XXXX
MSL1
ROHS+HF
3000 units/
Tape
and Reel
AW3643
Shipping
R: Tape & Reel
Package Type
CS: CSP
AWINIC FLASH LED DRIVER SERIES
Product
Channels
Type
Description
Package
AW3644
2
Boost
High Efficiency, Dual Independent 1.5A Flash LED
Driver
CSP-12
AW36414
2
Boost
High Efficiency, Dual Independent 1.5A Flash LED
Driver
CSP-12
AW3643
2
Boost
High Efficiency, Dual 1.5A Flash LED Driver
CSP-12
AW36413
2
Boost
High Efficiency, Dual 1.5A Flash LED Driver
CSP-12
AW3648
1
Boost
High Efficiency, 1.5A Flash LED Driver
CSP-12
AW3642
1
Boost
High Efficiency, 1.5A Flash LED Driver
CSP-9
AW3641E
1
Charge
Pump
Flash Current & Flash Timer Programmable 1A Flash
LED Driver
DFN-10L
AW36402
1
Current
Sink
200mA 1-wire Configurable Front Flash LED Driver
with Ultra Small Package
DFN-6L
AW36404
1
Current
Sink
400mA 1-wire Configurable Front Flash LED Driver
with Ultra Small Package
DFN-8L
AW36406
1
Current
Sink
600mA PWM Configurable Front Flash LED Driver
with Ultra Small Package
DFN-8L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com