Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW3643CSR Datasheet(PDF) 2 Page - Shanghai awinic technology co.,ltd

Part # AW3643CSR
Description  High Efficiency, Dual 1.5A Flash LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3643CSR Datasheet(HTML) 2 Page - Shanghai awinic technology co.,ltd

  AW3643CSR Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
AW3643
Jan 2018 V1.4
www.awinic.com.cn
2
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
PIN CONFIGURATION AND TOP MARK
GND
IN
SDA
SW
SCL
OUT
HWEN
TORCH
/TEMP
LED2
TX
LED1
D
A
C
B
3
1
2
STROBE
3643–AW3643CSR
XXXX–Manufacture Tracking Code
AW3643CSR Pin Configuration
(Top View)
AW3643CSR Top Mark
(Top View)
Fig 2
Pin Configuration and Top Mark
PIN DEFINITION
No.
NAME
TYPE
DESCRIPTION
A1
GND
Ground
Ground
A2
IN
Power
Input voltage connection. Connect IN to GND with a 10µF or larger ceramic
capacitor.
A3
SDA
I/O
Serial data input/output of the I2C interface.
B1
SW
Power
Switch pin of the step-up DC-DC convertor.
B2
STROBE
I/O
Active high hardware flash enable. Drive STROBE high to turn on Flash pulse.
Internal pull down
resistor of 300kΩ between STROBE and GND.
B3
SCL
I/O
Serial clock input of the I2C interface.
C1
OUT
Power
Step-up DC-DC converter output. Connect a 10µF ceramic capacitor between
OUT and GND.
C2
HWEN
I/O
Active high enable pin. High = Standby, Low = Shutdown/Reset. Internal pull
down resistor of 300kΩ between HWEN and GND.
C3
TORCH/TEMP
I/O
Torch terminal input or threshold detector for NTC temperature sensing and
current scale back.
D1
LED2
Power
High-side current source output for flash LED2.
D2
TX
I/O
Power amplifier synchronization input. Internal pull
down resistor of 300kΩ
between TX and GND.
D3
LED1
Power
High-side current source output for flash LED1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com