Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6222 Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # HT6222
Description  Multi-Purpose Encoders
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

HT6222 Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  HT6222 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HT6221/HT6222
Multi-Purpose Encoders
www.artschip.com
3
Pin Description
HT6222
Pin No.
Pin Name
I/O
Internal
Connection
Description
1~6
R3~R8
I
CMOS IN
Pull-Low
Row control for keyboard matrix, active high
7
DOUT
O
CMOS OUT
Serial data output pin, with a 38kHz carrier
8
VDD
-
-
Positive power supply, 1.8V ~ 3.5V for normal
operation
9
D7
I
CMOS IN
Most significant data bit (D7) code setting
10
X2
O
OSCILLATOR
455kHz resonator oscillator output
11
X1
I
OSCILLATOR
455kHz resonator oscillator input
12
VSS
-
-
Negative power supply
13
LED
O
CMOS OUT
Transmission enable indicator output
14~21
C8~C1
I/O
CMOS IN/OUT
Pull-low
Column control for keyboard matrix
22
AIN
I
CMOS IN
Pull-high
Pull-Low
Low byte address codes (8 bits) scan input
23~24
R1~R2
I
CMOS IN
Pull-Low
Row control for keyboard matrix, active high
Approximate internal connection circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com