Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6222 Datasheet(PDF) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # HT6222
Description  Multi-Purpose Encoders
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

HT6222 Datasheet(HTML) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  HT6222 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HT6221/HT6222
Multi-Purpose Encoders
www.artschip.com
5
When one of the keys (32 or 64 keys) is triggered for over 36ms, the oscillator is enabled and the chip is activated. If the key is
pressed and held for 108ms or less, the 108ms transmission codes are enabled and comprised of a header code (9ms), an off
code (4.5ms), low byte address codes (9ms ~ 18ms), high byte address codes (9ms~18ms), 8-bit data codes (9ms ~ 18ms), and
the inverse codes of the 8-bit data codes (18ms ~9ms). After the pressed key is held for 108ms, if the key is still held down, the
transmission codes turn out to be a composition of header (9ms) and off codes (2.5ms) only.
To avoid mistakes made by keyboard scanning or simultaneous two-key inputs (except for the three double-key active functions
(K21 + K22, K21+K23, and K21+K24), the HT6222 are facilitated with 36ms starting time.
The HT6221/HT6222 also provide three double-key active functions (K21+K22, K21+K23, and K21+K24) for tape deck recording
operations. The double-key operation rules are shown in timing 4 and timing 6.
Transmission codes
The transmission codes of the HT6221/6222 consist of a 9ms header code, a 4.5ms off code, 16-bit address codes (18ms~36ms),
9ms~18ms 8-bit data codes, and the inverse code of the 8-bit data codes. The following is an illustration of the transmission
codes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com