Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6222 Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # HT6222
Description  Multi-Purpose Encoders
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

HT6222 Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  HT6222 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HT6221/HT6222
Multi-Purpose Encoders
www.artschip.com
4
Absolute Maximum Ratings
Supply Voltage…………………..-0.3V to 6V
Input Voltage……..Vss-0.3V to VDD+0.3V
Storage Temperature………..-50℃ to 125℃
Operating Temperature…….-20℃ to 75℃
Note:
These are stress ratings only. Stresses exceeding the range specified under “Absolute Maximum Ratings” may cause
substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the specification is
not implied and prolonged exposure to extreme conditions may affect device reliability.
Electrical Characteristic
Ta=25℃
Test Conditions
Symbol
Parameter
VDD
Conditions
Min.
Typ.
Max.
Unit
VDD
Operating Voltage
-
-
1.8
3
3.5
V
ISTB
Standby Current
3V
Oscillator stops
-
0.1
1.0
µA
IDD
Operating Current
3V
fOSC=455kHz
No load
-
200
400
µA
IOH1
Output Source Current for DOUT
3V
VO=2.7V
-2.0
-4.0
-
mA
IOL1
Output Sink Current for DOUT
3V
Vo=0.3V
50
100
-
µA
IOH2
Output Source Current for LED
3V
VO=2.7V
-10
-60
-
µA
IOL2
Output Sink Current for LED
3V
Vo=0.3V
1.2
2.0
-
mA
IOH3
Output Source Current for C1~C8
3V
VO=2.7V
-0.6
-2.0
-
mA
IOL3
Output Sink Current for C1~C8
3V
Vo=0.3V
10
30
-
µA
VIH1
Input High Voltage for R1~R8
3V
-
1.9
-
30
V
VIL1
Input Low Voltage for R1~R8
3V
-
0
-
0.8
V
VIH2
Input Low Voltage for C1~C8
3V
-
1.1
-
3.0
V
VIL2
Input Low Voltage for C1~C8
3V
-
0
-
0.6
V
VIH3
Input High Voltage for AIN
3V
-
1.25
-
3.0
V
VIL3
Input Low Voltage for AIN
3V
-
0
-
0.6
V
RPH1
Input Pull-high Resistance for AIN
3V
VIN=0V
100
200
400
K Ω
RPL1
Input Pull-low Resistance for AIN
3V
VIN=3V
70
150
250
K Ω
RPL2
Input Pull-low Resistance for R1~R8
3V
VIN=3V
120
200
320
K Ω
RPL3
Input Pull-Low Resistance for C1~C8
3V
VIN=3V
300
500
1500
K Ω
fOSC
System Frequency
-
455kHz ceramic
resonator
-
455
-
kHz
Functional Description
Keyboard scan
The HT6221/HT6222 remain in the halt mode during the
standby state (at this time, the oscillator stops, and the
standby current <1µA). The HT6221 consists of 32 active
keys, and the HT6222 has 64 active keys. The keyboard
forms of the HT6221/HT6222 are shown below.
The HT6221 keyboard form
The HT6222 keyboard form



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com