Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6222 Datasheet(PDF) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # HT6222
Description  Multi-Purpose Encoders
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

HT6222 Datasheet(HTML) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button HT6222 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6222 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HT6221/HT6222
Multi-Purpose Encoders
www.artschip.com
6
Setting the address codes (A0 ~ A15)
The algorithm rule of the address codes (A0 ~ A15) can be selected by mask option.
In this case, the 16-bit on-chip MASK ROM (ROM1 and ROM2) are available, and the value of ROM1 (8 bits) and ROM2 (8 bits)
are decided by one MASK LAYER. The current value of ROM1 and ROM2 are both “00H”. The A0~A7 are set by logical OR
between the external switch S0~S7 and the ROM1. The A8~A15 equal some bits inverted to A0 ~ A7, the inversion are decided
by Logical OR between the external switch S8~S15 and the ROM2.
For example:
The following is an illustration of these rules in selecting the address codes (A0~A15).
Values of the data codes (D0~D7)
The HT6221/HT6222 contain 32 and 64 active keys, respectively. Each key corresponds to a data code. For tape deck recording,
the HT6221/HT6222 provide three double-key functions. The double-key, single-key, and double-key operation rules are shown in
Table3, Table 4, Timing 4, Timing 5 and Timing 6.
Table 3: Double-key data code table
KEY
Data Codes D0~D6
Data Code D7
K21+K22
1010110
0/1
K21+K23
0110110
0/1
K21+K24
1110110
0/1
Note:D7 is defined by an external switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com