Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC202F Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC202F
Description  3.5MHz, 500mA Step-down Regulator with Integrated Inductor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC202F Datasheet(HTML) 4 Page - Semtech Corporation

  SC202F Datasheet HTML 1Page - Semtech Corporation SC202F Datasheet HTML 2Page - Semtech Corporation SC202F Datasheet HTML 3Page - Semtech Corporation SC202F Datasheet HTML 4Page - Semtech Corporation SC202F Datasheet HTML 5Page - Semtech Corporation SC202F Datasheet HTML 6Page - Semtech Corporation SC202F Datasheet HTML 7Page - Semtech Corporation SC202F Datasheet HTML 8Page - Semtech Corporation SC202F Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SC202F
4
Parameter
Symbol
Condition
Min
Typ
Max
Units
Soft-Start
t
SS
V
OUT
= 90% of final value
100
500
μs
Thermal Shutdown
T
OT
Rising temperature
160
°C
Thermal Shutdown Hysteresis
T
HYST
20
°C
Logic Inputs - CTL0, CTL1, CTL2, and CTL3
Input High Voltage
V
IH
1.6
V
Input Low Voltage
V
IL
0.4
V
Input High Current
I
IH
V
CTL 0-3
= V
IN
-2.0
5.0
μA
Input Low Current
I
IL
V
CTL 0-3
= GND
-2.0
2.0
μA
Notes
(1)
Maximum output voltage is limited to VIN if the input is less than 3.3V.
(2)
Measured from IN to LX.
(3)
Measured from LX to GND.
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com