Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC202F Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC202F
Description  3.5MHz, 500mA Step-down Regulator with Integrated Inductor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC202F Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC202F Datasheet HTML 9Page - Semtech Corporation SC202F Datasheet HTML 10Page - Semtech Corporation SC202F Datasheet HTML 11Page - Semtech Corporation SC202F Datasheet HTML 12Page - Semtech Corporation SC202F Datasheet HTML 13Page - Semtech Corporation SC202F Datasheet HTML 14Page - Semtech Corporation SC202F Datasheet HTML 15Page - Semtech Corporation SC202F Datasheet HTML 16Page - Semtech Corporation SC202F Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
SC202F
13
output capacitor to ensure the capacitance will be
adequate.
Table 2 lists the manufacturers of recommended output
capacitor options.
Table 2 — Recommended Output Capacitors
Manufacturer
Part Number
Value
(μF)
Type
Rated
Voltage
(VDC)
Dimensions
LxWxH (mm)
Case Size
Murata
GRM188R60J106ME47D
10±20%
X5R
6.3
1.6x0.8x0.8
0603
Murata
GRM21BR60J106K
10±10%
X5R
6.3
2.0x1.25x1.25
0805
Taiyo Yuden
JMK107BJ106MA-T
10±20%
X5R
6.3
1.6x0.8x0.8
0603
TDK
C1608X5R0J106MT
10±20%
X5R
6.3
1.6x0.8x0.8
0603
C
IN
Selection
The SC202F input source current will appear as a DC
supply current with a triangular ripple imposed on it. To
prevent large input voltage ripple, a low ESR ceramic
capacitor is required. A minimum value of 4.7μF should
be used. It is important to consider the DC voltage coeffi-
cient characteristics when determining the actual required
value. For example, a 10μF, 6.3V, X5R ceramic capacitor
with 5V DC applied may exhibit a capacitance as low as
4.5μF. The value of required input capacitance is estimated
by determining the acceptable input ripple voltage and
calculating the minimum value required for C
IN
using the
equation
f
ESR
I
V
V
V
1
V
V
C
OUT
IN
OUT
IN
OUT
IN
The input voltage ripple is at maximum level when the
input voltage is twice the output voltage (50% duty cycle
scenario).
The input capacitor provides a low impedance loop for
the edges of pulsed current drawn by the PMOS switch.
Low ESR/ESL X5R ceramic capacitors are recommended
for this function. To minimize stray inductance, the capaci-
Applications Information (continued)
tor should be placed as closely as possible to the IN and
GND pins. Table 3 lists recommended input capacitor
options from different manufacturers.
Table 3 — Recommended Input Capacitors
Manufacturer
Part Number
Value
(μF)
Type
Rated
Voltage
(VDC)
Dimensions
LxWxH (mm)
Case Size
Murata
GRM188R60J475K
4.7±10%
X5R
6.3
1.6x0.8x0.8
0603
Murata
GRM188R60J106K
10±10%
X5R
6.3
1.6x0.8x0.8
0603
Taiyo Yuden
JMK107BJ475KA
4.7±10%
X5R
6.3
1.6x0.8x0.8
0603
TDK
C1608X5R0J475KT
4.7±10%
X5R
6.3
1.6x0.8x0.8
0603
PCB Layout Considerations
The layout diagram in Figure 3 shows a recommended
PCB top-layer for the SC202F and supporting compo-
nents.
Specified layout rules must be followed since the
layout is critical for achieving the performance specified in
the Electrical Characteristics table. Poor layout can
degrade the performance of the DC-DC converter and can
contribute to EMI problems, ground bounce, and resistive
voltage losses. Poor regulation and instability can also
result.
The following guidelines are recommended for designing
a PCB layout:
C
IN
should be placed as close to the IN and GND pins
as possible. This capacitor provides a low impedance
loop for the pulsed currents present at the buck
converter’s input. Use short wide traces to minimize
trace impedance. This will also minimize EMI and
input voltage ripple by localizing the high frequency
current pulses.
C
OUT
should be connected as closely as possible to the
OUT pin.
Use a ground plane referenced to the GND pin. Use
several vias to connect to the component side ground
to further reduce noise and interference on sensitive
circuit nodes.
Route the output voltage feedback/sense trace
1.
2.
3.
4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com