Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC202F Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC202F
Description  3.5MHz, 500mA Step-down Regulator with Integrated Inductor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC202F Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC202F Datasheet HTML 7Page - Semtech Corporation SC202F Datasheet HTML 8Page - Semtech Corporation SC202F Datasheet HTML 9Page - Semtech Corporation SC202F Datasheet HTML 10Page - Semtech Corporation SC202F Datasheet HTML 11Page - Semtech Corporation SC202F Datasheet HTML 12Page - Semtech Corporation SC202F Datasheet HTML 13Page - Semtech Corporation SC202F Datasheet HTML 14Page - Semtech Corporation SC202F Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SC202F
11
V OUT
SC202F
IN
CTL3
CTL2
CTL1
CTL0
SN S
OU T
GN D
V IN
C OUT
C IN
E nable
C FF
R FB1
R FB2
Figure 1 – Application Circuit with External Resistors
To simplify the design, it is recommended to program the
output setting to 1.0V, use resistor values smaller than
10kΩ, and include a feed-forward capacitance calculated
with the previous equation. If the output voltage is set to
1.0V, the previous equation reduces to
1
V
R
5
.
0
V
10
8
C
OUT
1
FB
2
OUT
6
FF
Example:
An output voltage of 1.3V is desired, but this is not a pro-
grammable option. What external component values for
Figure 1 are needed?
Solution: To keep the circuit simple, set R
FB2
to 10kΩ so
current into the SNS pin can be neglected and set the
CTL3-0 pins to 0010 (1.0V setting). The necessary compo-
nent values for this situation are
k
3
V
V
V
R
R
SET
SET
OUT
2
FB
1
FB
nF
69
.
5
1
V
R
5
.
0
V
10
8
C
OUT
1
FB
2
OUT
6
FF
PWM Operation
In order to start up from pre-charged output voltage,
SC202F does not allow inductor current to go negative
in soft start stage, refer to the soft start waveforms in the
Typical Characteristics page. When the output voltage
exceeds 90% of the set point, determined by the CTLx
combinations, the device will enter fixed 3.5MHz PWM
operation. An internal synchronous NMOS rectifier turns
on complementary to the top PMOSFET.
100% Duty Cycle Operation
The duty cycle (percentage of time PMOS is active)
increases as VIN decreases to maintain output voltage
regulation. As the input voltage approaches the pro-
grammed output voltage, the duty cycle approaches
100% (PMOS always on) and the device enters a pass
through mode until the input voltage increases or the
load decreases enough to allow PWM switching to
resume.
Protection Features
The SC202F provides the following protection features:
Soft-Start Operation
Over-Voltage Protection
Current Limit
Thermal Shutdown
Under-Voltage Lockout
Soft Start with Current Limit
The soft-start sequence is activated after a CTL code tran-
sition from an all zeros code to a non-zero code enables
the start up process. From the beginning of a start-up
process, the internal reference start-up takes typically
50μs, then PMOS current limit is stepped through four
levels: 25%, 40%, 60%, and 100%. Each step is maintained
for typically 75μs. A complete 4 steps start-up period
could take 350μs. Before VOUT reaches 90%, the inductor
current is not allowed to go negative. The inductor
current is confined between different current limit levels,
25%, 40%, 60%, or 100% to zero.
As VOUT reaches 90% of the target value, the device will
transition into a fixed 3.5MHz operation allowing induc-
tor current in both directions.
Due to current limit operation, if the load is heavy or the
output capacitor is large, the soft start process may expe-
rience all 4 current limit steps before reaching 90% target
voltage. This will make the soft start time long. If the load
is light and output capacitor is small, the device may only
need the first current limit step, reaching 90% of target,
and transition into PWM operation. This makes the soft
•
•
•
•
•
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com