Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC202F Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC202F
Description  3.5MHz, 500mA Step-down Regulator with Integrated Inductor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC202F Datasheet(HTML) 1 Page - Semtech Corporation

  SC202F Datasheet HTML 1Page - Semtech Corporation SC202F Datasheet HTML 2Page - Semtech Corporation SC202F Datasheet HTML 3Page - Semtech Corporation SC202F Datasheet HTML 4Page - Semtech Corporation SC202F Datasheet HTML 5Page - Semtech Corporation SC202F Datasheet HTML 6Page - Semtech Corporation SC202F Datasheet HTML 7Page - Semtech Corporation SC202F Datasheet HTML 8Page - Semtech Corporation SC202F Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© 2016 Semtech Corporation
POWER MANAGEMENT
1
SC202F
3.5MHz, 500mA Step-down
Regulator with Integrated Inductor
Features
Input Voltage — 2.9V to 5.5V
Output Voltage — 0.8V to 3.3V
Output current capability — 500mA
Internal inductor
15 programmable output voltages
Fast transient response
Temperature range — -40 to +85°C
Oscillator frequency — 3.5MHz
100% duty cycle capability
Quiescent current — 11mA typ
Shutdown current — 0.1μA typ
Internal soft-start
Over-voltage protection
Current limit and short circuit protection
Over-temperature protection
Under-voltage lockout
Floating control pin protection
MLPQ-13 — 2.5 x 3.0 x 1.0 (mm) package
Lead-free and halogen-free
WEEE and RoHS compliant
Applications
Optical modules, GN1157B, GN1599 etc
Set top boxes
Telecommunication equipment
Power rails demand small voltage ripple and compact
size
Description
The SC202F is a high efficiency 500mA step-down regula-
tor that includes an integrated inductor inside the
package. The input voltage range makes it ideal for
battery operated applications with space limitations. The
SC202F operates at a fixed 3.5MHz switching frequency in
normal PWM (Pulse-Width Modulation) mode. The
SC202F also includes fifteen programmable output
voltage settings that can be selected using the four
control pins, eliminating the need for external feedback
resistors. The output voltage can be fixed to a single
setting or dynamically switched between different levels.
Pulling all four control pins low disables the output.
The SC202F provides several protection features to safe-
guard the device under stressed conditions. These
include short circuit protection, over-temperature protec-
tion, under-voltage lockout, and soft-start to control
in-rush current. These features, coupled with the small
2.5 x 3.0 x 1.0 (mm) package, make the SC202F a versatile
device ideal for step-down regulation in products needing
high efficiency and a small PCB footprint.
SC202F
IN
CTL3
CTL2
CTL1
CTL0
SN S
OU T
GN D
V OUT
0.8V to 3.3V
V IN
2.9V to 5.5V
C OUT
10μF
C IN
4.7μF
C ontrol Logic
Lines
LX
NC
Typical Application Circuit
Rev 2.0


Similar Part No. - SC202F

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC202 SEMTECH-SC202 Datasheet
501Kb / 19P
3.5MHz, 500mA Step-down Regulator with Integrated Inductor
logo
Infinite Electronics In...
SC2023 FAIRVIEW-SC2023 Datasheet
450Kb / 3P
SMA Male Open Circuit Connector Cap With 2.76 Inch Chain
REV 1.1
SC2024 FAIRVIEW-SC2024 Datasheet
396Kb / 2P
SC2024 DATA SHEET SMA Open Circuit Connector Cap
REV 1.1
SC2026 FAIRVIEW-SC2026 Datasheet
362Kb / 2P
SMA Female Open Circuit Connector Cap
REV 1.0
SC2029 FAIRVIEW-SC2029 Datasheet
449Kb / 3P
BNC Male Open Circuit Connector Cap With 4 Inch Chain
REV 1.1
More results

Similar Description - SC202F

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3127 FOSLINK-FSP3127 Datasheet
258Kb / 8P
150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
logo
Enpirion, Inc.
EP5358LUI ENPIRION-EP5358LUI Datasheet
212Kb / 14P
500mA Synchronous Buck Regulator with Integrated Inductor
logo
Semtech Corporation
SC195 SEMTECH-SC195 Datasheet
338Kb / 18P
3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC195 SEMTECH-SC195_10 Datasheet
497Kb / 20P
3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC202 SEMTECH-SC202 Datasheet
501Kb / 19P
3.5MHz, 500mA Step-down Regulator with Integrated Inductor
SC197 SEMTECH-SC197 Datasheet
1Mb / 20P
3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
SC202AMLTRT SEMTECH-SC202AMLTRT Datasheet
541Kb / 19P
3.5MHz, 500mA Step-down Regulator
SC195B SEMTECH-SC195B Datasheet
614Kb / 19P
3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC195F SEMTECH-SC195F Datasheet
581Kb / 18P
3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
logo
Maxim Integrated Produc...
MAX20743 MAXIM-MAX20743 Datasheet
1Mb / 31P
Integrated, Step-Down Switching Regulator with PMBus
19-8582; Rev 1; 10/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com