Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-D0WD Datasheet(PDF) 28 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-D0WD
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-D0WD Datasheet(HTML) 28 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-D0WD Datasheet HTML 24Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 26Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 27Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 28Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 29Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
3. Functional Description
– Asynchronous data reception and transmission
– Adaptive Frequency Hopping and Channel assessment
– Connection parameter update
– Data Length Extension
– Link Layer Encryption
– LE Ping
3.7 RTC and Low-Power Management
With the use of advanced power-management technologies, ESP32 can switch between different power modes.
• Power modes
– Active mode: The chip radio is powered on. The chip can receive, transmit, or listen.
– Modem-sleep mode: The CPU is operational and the clock is configurable. The Wi-Fi/Bluetooth base-
band and radio are disabled.
– Light-sleep mode: The CPU is paused. The RTC memory and RTC peripherals, as well as the ULP
co-processor are running. Any wake-up events (MAC, host, RTC timer, or external interrupts) will wake
up the chip.
– Deep-sleep mode: Only the RTC memory and RTC peripherals are powered on. Wi-Fi and Bluetooth
connection data are stored in the RTC memory. The ULP co-processor is functional.
– Hibernation mode: The internal 8-MHz oscillator and ULP co-processor are disabled. The RTC recovery
memory is powered down. Only one RTC timer on the slow clock and certain RTC GPIOs are active.
The RTC timer or the RTC GPIOs can wake up the chip from the Hibernation mode.
Table 6: Power Consumption by Power Modes
Power mode
Description
Power consumption
Active (RF working)
Wi-Fi Tx packet
Please refer to
Table 15 for details.
Wi-Fi/BT Tx packet
Wi-Fi/BT Rx and listening
Modem-sleep
The CPU is
powered on.
240 MHz
*
Dual-core chip(s)
30 mA
~ 68 mA
Single-core chip(s)
N/A
160 MHz
*
Dual-core chip(s)
27 mA
~ 44 mA
Single-core chip(s)
27 mA
~ 34 mA
Normal speed: 80 MHz
Dual-core chip(s)
20 mA
~ 31 mA
Single-core chip(s)
20 mA
~ 25 mA
Light-sleep
-
0.8 mA
Deep-sleep
The ULP co-processor is powered on.
150 µA
ULP sensor-monitored pattern
100 µA @1% duty
RTC timer + RTC memory
10 µA
Hibernation
RTC timer only
5 µA
Power off
CHIP_PU is set to low level, the chip is powered off.
0.1 µA
Espressif Systems
21
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com