Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-D0WD Datasheet(PDF) 35 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-D0WD
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-D0WD Datasheet(HTML) 35 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-D0WD Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 35Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 39Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
4. Peripherals and Sensors
4.2 Peripheral Pin Configurations
Table 10: Peripheral Pin Configurations
Interface
Signal
Pin
Function
ADC
ADC1_CH0
SENSOR_VP
Two 12-bit SAR ADCs
ADC1_CH1
SENSOR_CAPP
ADC1_CH2
SENSOR_CAPN
ADC1_CH3
SENSOR_VN
ADC1_CH4
32K_XP
ADC1_CH5
32K_XN
ADC1_CH6
VDET_1
ADC1_CH7
VDET_2
ADC2_CH0
GPIO4
ADC2_CH1
GPIO0
ADC2_CH2
GPIO2
ADC2_CH3
MTDO
ADC2_CH4
MTCK
ADC2_CH5
MTDI
ADC2_CH6
MTMS
ADC2_CH7
GPIO27
ADC2_CH8
GPIO25
ADC2_CH9
GPIO26
DAC
DAC_1
GPIO25
Two 8-bit DACs
DAC_2
GPIO26
Touch Sensor
TOUCH0
GPIO4
Capacitive touch sensors
TOUCH1
GPIO0
TOUCH2
GPIO2
TOUCH3
MTDO
TOUCH4
MTCK
TOUCH5
MTDI
TOUCH6
MTMS
TOUCH7
GPIO27
TOUCH8
32K_XN
TOUCH9
32K_XP
JTAG
MTDI
MTDI
JTAG for software debugging
MTCK
MTCK
MTMS
MTMS
MTDO
MTDO
Espressif Systems
28
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com