Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-D0WD Datasheet(PDF) 10 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-D0WD
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-D0WD Datasheet(HTML) 10 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-D0WD Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
1. Overview
1.4.2 Clocks and Timers
• Internal 8 MHz oscillator with calibration
• Internal RC oscillator with calibration
• External 2 MHz
~ 60 MHz crystal oscillator (40 MHz only for Wi-Fi/BT functionality)
• External 32 kHz crystal oscillator for RTC with calibration
• Two timer groups, including 2 × 64-bit timers and 1 × main watchdog in each group
• One RTC timer
• RTC watchdog
1.4.3 Advanced Peripheral Interfaces
• 34 × programmable GPIOs
• 12-bit SAR ADC up to 18 channels
• 2 × 8-bit DAC
• 10 × touch sensors
• 4 × SPI
• 2 × I²S
• 2 × I²C
• 3 × UART
• 1 host (SD/eMMC/SDIO)
• 1 slave (SDIO/SPI)
• Ethernet MAC interface with dedicated DMA and IEEE 1588 support
• CAN 2.0
• IR (TX/RX)
• Motor PWM
• LED PWM up to 16 channels
• Hall sensor
1.4.4 Security
• Secure boot
• Flash encryption
• 1024-bit OTP, up to 768-bit for customers
• Cryptographic hardware acceleration:
– AES
– Hash (SHA-2)
– RSA
– ECC
Espressif Systems
3
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com