Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-D0WD Datasheet(PDF) 44 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-D0WD
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-D0WD Datasheet(HTML) 44 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-D0WD Datasheet HTML 40Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 41Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 42Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 43Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 44Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 45Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 46Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 47Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D0WD Datasheet HTML 48Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
5. Electrical Characteristics
5.7.3 Receiver – Enhanced Data Rate
Table 19: Receiver Characteristics – Enhanced Data Rate
Parameter
Conditions
Min
Typ
Max
Unit
π/4 DQPSK
Sensitivity @0.01% BER
-
-
–90
-
dBm
Maximum received signal @0.01% BER
-
-
0
-
dBm
Co-channel C/I
-
-
11
-
dB
Adjacent channel selectivity C/I
F = F0 + 1 MHz
-
–7
-
dB
F = F0 – 1 MHz
-
–7
-
dB
F = F0 + 2 MHz
-
–25
-
dB
F = F0 – 2 MHz
-
–35
-
dB
F = F0 + 3 MHz
-
–25
-
dB
F = F0 – 3 MHz
-
–45
-
dB
8DPSK
Sensitivity @0.01% BER
-
-
–84
-
dBm
Maximum received signal @0.01% BER
-
-
–5
-
dBm
C/I c-channel
-
-
18
-
dB
Adjacent channel selectivity C/I
F = F0 + 1 MHz
-
2
-
dB
F = F0 – 1 MHz
-
2
-
dB
F = F0 + 2 MHz
-
–25
-
dB
F = F0 – 2 MHz
-
–25
-
dB
F = F0 + 3 MHz
-
–25
-
dB
F = F0 – 3 MHz
-
–38
-
dB
5.7.4 Transmitter – Enhanced Data Rate
Table 20: Transmitter Characteristics – Enhanced Data Rate
Parameter
Conditions
Min
Typ
Max
Unit
RF transmit power
-
-
0
-
dBm
Gain control step
-
-
3
-
dBm
RF power control range
-
–12
-
+9
dBm
π/4 DQPSK max w0
-
-
–0.72
-
kHz
π/4 DQPSK max wi
-
-
–6
-
kHz
π/4 DQPSK max |wi + w0|
-
-
–7.42
-
kHz
8DPSK max w0
-
-
0.7
-
kHz
8DPSK max wi
-
-
–9.6
-
kHz
8DPSK max |wi + w0|
-
-
–10
-
kHz
π/4 DQPSK modulation accuracy
RMS DEVM
-
4.28
-
%
99% DEVM
-
100
-
%
Peak DEVM
-
13.3
-
%
8 DPSK modulation accuracy
RMS DEVM
-
5.8
-
%
99% DEVM
-
100
-
%
Peak DEVM
-
14
-
%
In-band spurious emissions
F = F0 ± 1 MHz
-
–46
-
dBm
Espressif Systems
37
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com