Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCTX2CS Datasheet(PDF) 7 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SCTX2CS
Description  Five-function remote control IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SCTX2CS Datasheet(HTML) 7 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SCTX2CS Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SCTX2CS Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SCTX2CS Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SCTX2CS Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SCTX2CS Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SCTX2CS Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SCTX2CS Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SCTX2CS/SCDRX2ES (文件编号:S&CIC1502)
五功能遥控 IC
www.superchip.cn
第
7 页共 7 页
Version 1.0
SYMBOL
MILLIMETER
MIN
NOM
MAX
A--
--
1.75
A1
0.05
--
0.225
A2
1.30
1.40
1.50
A3
0.60
0.65
0.70
b
0.39
--
0.48
b1
0.38
0.41
0.43
c
0.21
--
0.26
c1
0.19
0.20
0.21
D
9.70
9.90
10.10
E
5.80
6.00
6.20
E1
3.70
3.90
4.10
e1.27BSC
h
0.25
--
0.50
L
0.50
--
0.80
L1
1.05BSC
θ
0°
--
8°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com